Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM9225B Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM9225B
Description  CAN (Controller Area Network) Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9225B Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM9225B Datasheet HTML 5Page - OKI electronic componets MSM9225B Datasheet HTML 6Page - OKI electronic componets MSM9225B Datasheet HTML 7Page - OKI electronic componets MSM9225B Datasheet HTML 8Page - OKI electronic componets MSM9225B Datasheet HTML 9Page - OKI electronic componets MSM9225B Datasheet HTML 10Page - OKI electronic componets MSM9225B Datasheet HTML 11Page - OKI electronic componets MSM9225B Datasheet HTML 12Page - OKI electronic componets MSM9225B Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FEDL9225B-03
1Semiconductor
MSM9225B
9/16
Serial mode
(V
DD = 4.5 to 5.5 V, Ta = –40 to +125°C, fOSC = 16 MHz)
Parameter
Symbol
Condition
Min.
Max.
Unit
CS Setup Time
t
CS
—10
ns
CS Hold Time
t
CH
—8T
ns
SCLK Cycle
t
CP
167
ns
SCLK Pulse Width
t
CW
—83
ns
SDI Setup Time
t
DS
—30
ns
SDI Hold Time
t
DH
—5
ns
SDO Output Enable Time
t
CSODLY
30
ns
SDO Output Disable Time
t
CSZDLY
30
ns
SDO Output Delay Time
t
PD
30
ns
SR
W Setup Time
t
RS
—10
ns
SR
W Hold Time
t
RH
—0
ns
SWAIT Output Delay Time
t
SRDLY
2T
ns
SWAIT “H” Level Width
t
WRDY
6T
ns
Byte Delay
t
WAIT
—8T
ns
T = 1/f
OSC
Other timing characteristics
(V
DD = 4.5 to 5.5 V, Ta = –40 to +125°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
System Clock Cycle
t
clkcy
—62
ns
RESET “H” Level Input Width
t
WRSTH
—5
µs
RESET “L” Level Input Width
t
WRSTL
—5
µs
INT “L” Level Output Width
t
WINTL
32T
ns
T = 1/f
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com