Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTMPE100804F Datasheet(PDF) 1 Page - Central Technologies

Part # CTMPE100804F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMPE100804F Datasheet(HTML) 1 Page - Central Technologies

  CTMPE100804F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2018 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 06.26.18
Power Inductors - Shielded
www.ctparts.com
CTMPE100804F
Series
SPECIFICATIONS
Test
DCR
Isat
Irms
Part
Inductance
Tolerance
Frequency
Max.(Typ.)
Max.(Typ.)
Max.(Typ.)
Number
(µH)
(±%)
(MHz)
(m
Ω)
(A)
(A)
CTMPE100804F-1R0M
1.0
20
2
30(25)
4.7(5.0)
4.2(4.4)
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD shielded molded power inductor
Applications: Smartphones, tablets, wearable devices, PC
peripheral devices, camcorders, and DC/DC converters
Operating Temperature: -40°C to 125°C (including self-
temperature rise)
Inductance Tolerance: ±20%
Isat: Inductance drop 30% from its value without current
Irms: A 40°C temperature rise from 25°C ambient with current
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
D
D
C
B
A
Core
Terminal
Electrode
A
B
C
D
Max.
2.5±0.2
2.00±0.2
1.0
0.6±0.3
0.10±0.008
0.08±0.008
0.039
0.02±0.012
Size
mm
inches
PAD LAYOUT
1.2
2.8
Unit: mm


Similar Part No. - CTMPE100804F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMPE080503F CT-CTMPE080503F Datasheet
101Kb / 1P
Power Inductors - Shielded
REV 06.26.18
CTMPE080503F-R47M CT-CTMPE080503F-R47M Datasheet
101Kb / 1P
Power Inductors - Shielded
REV 06.26.18
CTMPE080603F CT-CTMPE080603F Datasheet
102Kb / 1P
Power Inductors - Shielded
REV 06.26.18
CTMPE080603F-1R0M CT-CTMPE080603F-1R0M Datasheet
102Kb / 1P
Power Inductors - Shielded
REV 06.26.18
CTMPE080603F-R47M CT-CTMPE080603F-R47M Datasheet
102Kb / 1P
Power Inductors - Shielded
REV 06.26.18
More results

Similar Description - CTMPE100804F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com