Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMB-784 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-784
Description  LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??ATX Server Board with 2 PCIe x16 slots (x8 link), 3 PCI, USB 3.0, Quad/Dual LANs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-784 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-784_V01 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-784_V01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Server Motherboards
Features
ASMB-784
ƒ Supports LGA 1150 Intel® Xeon® E3-1200 v3 and 4th Generation Core™ i7/
i5/i3 processors
ƒ DDR3 1600 MHz ECC/Non-ECC UDIMM up to 32GB
ƒ One Gen 3.0 PCIe x16 link or two PCIe x16 slots with x8 link, two PCIe x1
and three PCI slots
ƒ Rackmount optimized placement with positive air flow design
ƒ Supports Intel vPro, AMT 9.0, IPMI (optional) and Embedded software APIs
and utilities
LGA 1150 Intel® Xeon® E3 v3/ 4th
Generation Core™ ATX Server Board
with 2 PCIe x16 slots (x8 link), 3 PCI,
USB 3.0, Quad/Dual LANs
Specifications
Form Factor
ATX form factor
Processor System
Socket
Intel LGA 1150
CPU type
Intel® Xeon® E3-1200 v3 and Core™ i3/i5/i7 series (TDP up to 88W)
Core Logic
Chipset
Intel C226 chipset
Memory
Total slots
4 (Dual Channel)
Max. capacity
32 GB
Memory type
DDR3 ECC/Non-ECC 1600/1333/1066 MHz UDIMM (240-pin)*
Memory size
1 GB, 2 GB, 4 GB, 8 GB
Expansion Slots
Total PCI/PCI-X/PCIe slots
7
Slot location 1
PCI
Slot location 2
PCIe x1 slot (Gen2 x1 link)
Slot location 3
PCI
Slot location 4
PCI x16 slot (Gen3 x8 link)
Slot location 5
PCI
Slot location 6
PCI x16 slot (Gen3 x8 or x16 link)
Slot location 7
PCIe x1 slot (Gen2 x1 link)
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Storage
SATA controller
Intel C226: 6 SATA3 6 Gb/s ports with Intel Rapid Storage Technology support (for Windows only)
(Supports software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel I217-LM; GbE LAN 2~4: Intel I210-AT
Connector
RJ-45 x 2 for G2 version; RJ-45 x 4 for G4 version
Onboard I/O Connectors
Printer Port connector
1
PSU connector
24-pin SSI power connector + 8-pin SSI 12V power connector
USB connector
2 USB 3.0; 7 USB 2.0 (1 x USB Type-A)
Fan header
5 (4-pin)
SMBus
2
Chassis intruder
1
Front LAN LED
2
Serial port header
1 (RS-232)
Audio Connector
1 (ALC 892)
PS/2 KB/Mouse
1
Rear I/O Connectors
External serial port
1
External USB port
4 (2 USB 3.0 and 2 USB 2.0)
VGA port
1
DVI
2
Display Port
-
RJ-45
2 for G2 version. 4 for G4 version
PS/2 KB/mouse
2
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
Intel® Xeon® E3-1275v3 3.5GHz; DDR3 8G x4
3.3 V
5 V
12 V
12V_8P
5 Vsb
-12 V
1.17A
2.30A
0.06A
4.33A
0.16A
0.01A
Environment
Operating
Non-operating
Temperature
0 ~ 60 °C (32 ~ 140 °F)
Depends on CPU speed and cooler solution
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
0% ~ 90%
5% ~ 95% (Non-condensing)
Physical Characteristics
Dimension (L x H)
304.8 x 244 mm (12" x 9.6")
Memory ECC function enabled or not depends on processor support.
KBMS1
VGA+ COM1
PCIe x1
Dual GbEs/
2 USB 3.0/
2 USB 2.0
DVI1/2
LAN3/4
PCIe x1
PCI
COM2
LPT1
PCIe x16
USB 2.0
USB Type A
USB 3.0
SMBUS1
GPIO1
DDR3 1600 MHz
Max 32GB
PMBUS1
Intel LGA1150 Socket
BMC1
LPC1
SATAIII Intel C226 PCH
All product specifications are subject to change without notice.
Last updated: 13-Sep-2017


Similar Part No. - ASMB-784_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-784G2-00A1E ADVANTECH-ASMB-784G2-00A1E Datasheet
968Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
ASMB-784G4-00A1E ADVANTECH-ASMB-784G4-00A1E Datasheet
968Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
More results

Similar Description - ASMB-784_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-782 ADVANTECH-ASMB-782 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link), 2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-781 ADVANTECH-ASMB-781 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
SYS-4U4340-4S01 ADVANTECH-SYS-4U4340-4S01_14 Datasheet
1Mb / 2P
4U LGA 1150 Intel짰 Xeon짰 E3 V3 Server with Gen 3.0 PCIe, Front USB3.0
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
958Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-782G2-00A1E ADVANTECH-ASMB-782G2-00A1E Datasheet
1Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link),2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-784G2-00A1E ADVANTECH-ASMB-784G2-00A1E Datasheet
968Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
ASMB-781 ADVANTECH-ASMB-781_V01 Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-584 ADVANTECH-ASMB-584_V01 Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com