Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMB-923 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-923
Description  Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-923 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-923 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-923 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-923
ASMB-923I-00A1E
ASMB-923-00A1E
Ordering Information
Part Number
Chipset
Memory
GbE LAN
IPMI
VGA Chip
ASMB-923-00A1E
C612
DDR4 RDIMM
2
-
AST 1400
ASMB-923I-00A1E
C612
DDR4 RDIMM
2
Yes
AST 2400
Packing List
Part Number
Description
Quantity
2066923I01
Driver CD
x 1
2006923I10
Startup manual
x 1
1700003194
SATA data cables
x 2
1703150102
SATA power cables
x 2
1700019748
CPU power cable(8P)
x 2
1960052312T010
I/O shield
x 1
I/O View
Optional Accessories
Part Number
Description
PCA-AUDIO-HDA1E
HD Audio-card
PCA-TPM-00B1E
TPM 2.0 Module by LPC
1960057226N001
LGA-2011 square CPU heatsink for 1U chassis (95W)
1960055362N001
LGA-2011 square CPU cooler for 2U/4U chassis (145W)
1960065684N011
LGA-2011 square CPU cooler for 4U chassis (160W)
1700028025-01
Dual port USB cable (45 cm) with bracket
1700028042-01
Four port USB cable (45 cm) with bracket
1701090401
COM port cable with bracket
19Z0000406T000
1U chassis IO shield
968EMLSAP2
SUSIAccess Pro 3.0
Intel LGA 2011-R3
Xeon E5-2600
v3/v4 Series
Processors
(CPU1)
Intel LGA 2011-R3
Xeon E5-2600
v3/v4 Series
Processors
(CPU0)
Intel C612 PCH
ECC DDR4 1333/1600/1867/2133/2400
Channel E
QPI Port0: 9.6GT/s
QPI Port1: 9.6GT/s
ECC DDR4 1333/1600/1867/2133/2400
Channel F
ECC DDR4 1333/1600/1867/2133/2400
Channel G
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
Channel H
PCIe x16 Slot
PCIe Gen3 x16
Slot 1
PCIe x16 Slot
PCIe Gen3 x16
Slot 3
PCIe x16 Slot
PCIe Gen3 x8
PCIe Gen3 x16
PCIe Gen3 x8
PCIe Gen3 x16
PCIe Gen3 x1
MDI
Slot 2
PCIe x8 Slot
PCIe Gen2 x4
HD Conn.
HD Audio
Slot 4
PCIe x16 Slot
Slot 5
PCIe x16 Slot
Slot 6
PCIe x16 Slot
Intel
I210AT
LPC Conn.
5 x FAN Conn.
PCIe Gen2 x1
USB 2.0
PCIe Gen2 x1
MDI
MDI
NC-SI
Intel
I210AT
BMC
AST2400
Super I/O
Nuvoton
NCT6776D
SPI
BIOS
RJ45
Realtek
RTL8201
PS/2 KB, MS
2 x RS-232 Header/Conn.
8 bit GPIO Pin Header
SPI
SPI Flash
32MB
DDR3
DRAM
RJ45
RJ45
RGB
VGA Conn.
Slot 7
Channel A
Channel B
Channel C
Channel D
SATA3
6 Gb/s
6 x SATA3
(RAID 0,1,510)
USB 3.0
4 x USB 3.0
(2 on board/2 rear)
128Mbit
sSATA
6 Gb/s
4 x SATA3
USB 2.0
7 x USB 2.0
(1 type A)
(4 on board/2 rear)
LPC BUS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com