Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM511666CL-XXJS Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM511666CL-XXJS
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511666CL-XXJS Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM511666CL-XXJS Datasheet HTML 4Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 5Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 6Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 7Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 8Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 9Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 10Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 11Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
¡ Semiconductor
MSM511666C/CL
Notes:
1. A start-up delay of 100
µs is required after power-up, followed by a minimum of eight
initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device
operation is achieved.
2. The AC characteristics assume tT = 5 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals.
Transition times (tT) are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 1 TTL load and 50 pF.
The output timing reference levels are VOH = 2.0 V (IOH = –2 mA) and VOL = 0.8 V (IOL
= 2 mA).
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, then the access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified
tRAD (Max.) limit, then the access time is controlled by tAA.
7. tCEZ (Max.), tREZ (Max.), tWEZ (Max.) and tOEZ (Max.) define the time at which the
output achieves the open circuit condition and are not referenced to output voltage
levels.
8. tCEZ and tREZ must be satisfied for open circuit condition.
9. tRCH or tRRH must be satisfied for a read cycle.
10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are
included in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then
the cycle is an early write cycle and the data out will remain open circuit (high
impedance) throughout the entire cycle. If tCWD ≥ tCWD (Min.) , tRWD ≥ tRWD (Min.),
tAWD ≥ tAWD (Min.) and tCPWD ≥ tCPWD (Min.), then the cycle is a read modify write
cycle and data out will contain data read from the selected cell; if neither of the above
sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
11. These parameters are referenced to the CAS leading edge in an early write cycle, and
to the WE leading edge in an OE control write cycle, or a read modify write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com