Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSCSM170AM058CT6AG Datasheet(PDF) 9 Page - Microchip Technology

Part # MSCSM170AM058CT6AG
Description  Phase Leg SiC Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM058CT6AG Datasheet(HTML) 9 Page - Microchip Technology

Back Button MSCSM170AM058CT6AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 9Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 10Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 11Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 12Page - Microchip Technology MSCSM170AM058CT6AG Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Figure 1-8. Capacitance vs. Drain Source Voltage
Figure 1-9. Gate Charge vs. Gate Source Voltage
Figure 1-10. Body Diode Characteristics, TJ = 25 °C
Figure 1-11. 3rd Quadrant Characteristics, TJ = 25 °C
Figure 1-12. Body Diode Characteristics, TJ = 175 °C Figure 1-13. 3rd Quadrant Characteristics, TJ = 175 °C
MSCSM170AM058CT6AG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003970A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com