Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLPS136 Datasheet(PDF) 3 Page - Texas Instruments

Part # DLPS136
Description  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPS136 Datasheet(HTML) 3 Page - Texas Instruments

  DLPS136 Datasheet HTML 1Page - Texas Instruments DLPS136 Datasheet HTML 2Page - Texas Instruments DLPS136 Datasheet HTML 3Page - Texas Instruments DLPS136 Datasheet HTML 4Page - Texas Instruments DLPS136 Datasheet HTML 5Page - Texas Instruments DLPS136 Datasheet HTML 6Page - Texas Instruments DLPS136 Datasheet HTML 7Page - Texas Instruments DLPS136 Datasheet HTML 8Page - Texas Instruments DLPS136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
• Corrected improper "DLPC910" reference to "DLPC410" ................................................................................11
• Updated Figure 8-1 .......................................................................................................................................... 11
• Added Section 11.1.1 table...............................................................................................................................15
• Updated Section 11.1.2 ....................................................................................................................................15
• Updated Section 11.1.3 section........................................................................................................................ 15
• Added DLP650LNIR to Table 11-2 section....................................................................................................... 17
• Deleted DLP Discovery 4100 Chipset reference in Table 11-2 ........................................................................17
Changes from Revision C (March 2013) to Revision D (October 2015)
Page
• Updated Features, Applications, and Description ..............................................................................................1
• Deleted DLPR4101 (enhanced functionality PROM part number) throughout document ................................. 1
• Added ESD Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section................... 1
• Deleted 1.8 V and 3.3 V operation values from VCCO, VIL, and VIH - this implementation is 2.5 V ....................6
• Changed Device Marking Image ..................................................................................................................... 15
• Changed Device Marking Image ..................................................................................................................... 15
• Deleted DLP® Discovery™ 4100 Chipset Datasheet from Related Documentation ....................................... 17
• Added Link to XCF16P data sheet at xilinx.com ..............................................................................................17
Changes from Revision B (March 2013) to Revision C (April 2013)
Page
• Added Top View of Device..................................................................................................................................1
• Added DLPR4101 "Load 4" enhanced functionality to Features........................................................................ 1
• Added DLPR410 and DLPR4101 (enhanced functionality PROM part number) to DLPR410 throughout
document ........................................................................................................................................................... 1
• Added a link to the data sheet............................................................................................................................ 1
• Added the Version column to the Ordering Information table............................................................................. 4
• Updated DLPC and DLP7000 / DLP7000UV Embedded Example Block Diagram.......................................... 11
• Added DLP7000UV and DLP9500UV well suited for direct imaging lithography, 3D printing, and UV
applications ......................................................................................................................................................12
• Added DLPR4101YVA as equivalent to TI part number 2510442-0006 ..........................................................15
• Added Reference to DLPC410 data sheet....................................................................................................... 15
• Added DLPR410 to Figure 11-2 .......................................................................................................................15
• Added Top View of Device to device marking ..................................................................................................15
• Added DLP7000UV Related Documentation....................................................................................................17
• Added DLP9500UV Related Documentation....................................................................................................17
Changes from Revision A (September 2012) to Revision B (March 2013)
Page
• Changed the top-side marking in the Ordering Information table....................................................................... 4
Changes from Revision * (August 2012) to Revision A (September 2012)
Page
• Changed the device From: Product Preview To: Production.............................................................................. 1
www.ti.com
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DLPR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com