Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLPS025 Datasheet(PDF) 7 Page - Texas Instruments

Part # DLPS025
Description  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPS025 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPS025 Datasheet HTML 3Page - Texas Instruments DLPS025 Datasheet HTML 4Page - Texas Instruments DLPS025 Datasheet HTML 5Page - Texas Instruments DLPS025 Datasheet HTML 6Page - Texas Instruments DLPS025 Datasheet HTML 7Page - Texas Instruments DLPS025 Datasheet HTML 8Page - Texas Instruments DLPS025 Datasheet HTML 9Page - Texas Instruments DLPS025 Datasheet HTML 10Page - Texas Instruments DLPS025 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6.6 Supply Voltage Requirements for Power-On Reset and Power-Down
(see (1))
MIN
MAX
UNIT
tVCC
VCCINT rise time from 0 V to nominal voltage (2)
0.2
50
ms
VCCPOR
POR threshold for VCCINT supply
0.5
–
V
tOER
OE/ RESET release delay following POR (3)
0.5
30
ms
VCCPD
Power-down threshold for VCCINT supply
0.5
V
tRST
Time required to trigger a device reset when the VCCINT supply drops below the
maximum VCCPD threshold
10
ms
(1)
VCCINT, VCCO, and VCCJ supplies can be applied in any order.
(2)
At power-up, the device requires the VCCINT power supply to monotonically rise to the nominal operating voltage within the specified
tVCC rise time. If the power supply cannot meet this requirement, then the device might not perform power-on-reset properly. See
Platform Flash PROM Power-Up Requirements, in the Xilinx XCF16P (v2.19) Product Specification for more information.
(3)
If the VCCINT and VCCO supplies do not reach their respective recommended operating conditions before the OE/ RESET pin is
released, then the configuration data from the PROM is not available at the recommended threshold levels. The configuration
sequence must be delayed until both VCCINT and VCCO have reached their recommended operating conditions.
6.7 Timing Requirements
Refer to the XCF16P product specifications at www.xilinx.com.
www.ti.com
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DLPR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com