Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MWPR1124ZVHT Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 26Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 27Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 28Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 29Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 30Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 31Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 32Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 33Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
Table 9. Voltage and current operating requirements (continued)
Symbol
Description
Min.
Max.
Unit
Notes
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
—
—
V
V
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
—
—
0.35 × VDD
0.3 × VDD
V
V
VHYS
Input hysteresis
0.06 × VDD
—
V
IICIO
IO pin negative DC injection current — single pin
• VIN < VSS-0.3V
-3
—
mA
1
IICcont
Contiguous pin DC injection current —regional limit,
includes sum of negative injection currents of 16
contiguous pins
• Negative current injection
-25
—
mA
VODPU
Open drain pullup voltage level
VDD
VDD
V
2
VRAM
VDD voltage required to retain RAM
1.2
—
V
1. All I/O pins are internally clamped to VSS through a ESD protection diode. There is no diode connection to VDD. If VIN
greater than VIO_MIN (= VSS-0.3 V) is observed, then there is no need to provide current limiting resistors at the pads. If
this limit cannot be observed then a current limiting resistor is required. The negative DC injection current limiting
resistor is calculated as R = (VIO_MIN - VIN)/|IICIO|.
2. Open drain outputs must be pulled to VDD.
7.2.2 LVD and POR operating requirements
Table 10. VDD supply LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
0.8
1.1
1.5
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV = 01)
2.48
2.56
2.64
V
VLVW1H
VLVW2H
VLVW3H
VLVW4H
Low-voltage warning thresholds — high range
• Level 1 falling (LVWV = 00)
• Level 2 falling (LVWV = 01)
• Level 3 falling (LVWV = 10)
• Level 4 falling (LVWV = 11)
2.62
2.72
2.82
2.92
2.70
2.80
2.90
3.00
2.78
2.88
2.98
3.08
V
V
V
V
1
Table continues on the next page...
MCU Electrical Characteristics
30
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com