Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8560CVT667JB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC8560CVT667JB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC8560CVT667JB Datasheet HTML 9Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 10Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 11Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 12Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 13Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 14Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 15Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 16Page - NXP Semiconductors MPC8560CVT667JB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
Freescale Semiconductor
13
Power Characteristics
3 Power Characteristics
The estimated power dissipation on the VDD supply for the MPC8560 is shown in Table 4.
The estimated power dissipation on the AVDD supplies for the MPC8560 PLLs is shown in Table 5.
Table 4. MPC8560 VDD Power Dissipation
1,2
CCB Frequency (MHz) Core Frequency (MHz)
Typical Power3,4
Maximum Power5
Unit
200
400
5.1
7.7
W
500
5.4
8.0
600
5.8
8.4
267
533
6.0
8.7
W
667
6.4
9.2
800
6.9
10.7
333
667
6.8
9.8
W
833
7.4
11.4
1000 6
11.9
16.5
Notes:
1. The values do not include I/O supply power (OVDD, LVDD, GVDD) or AVDD.
2. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance,
mounting site (board) temperature, air flow, power dissipation of other components on the board, and
board thermal resistance. Any customer design must take these considerations into account to ensure
the maximum 105 °C junction temperature is not exceeded on this device.
3. Typical Power is based on a nominal voltage of VDD = 1.2 V, a nominal process, a junction temperature
of Tj = 105 °C, and a Dhrystone 2.1 benchmark application.
4. Thermal solutions will likely need to design to a number higher than Typical Power based on the end
application, TA target, and I/O power.
5. Maximum power is based on a nominal voltage of VDD = 1.2 V, worst case process, a junction
temperature of Tj = 105 °C, and an artificial smoke test.
6. The nominal recommended VDD is 1.3 V for this speed grade.
Table 5. MPC8560 AVDD Power Dissipation
AVDDnTypical
1
Unit
AVDD1
0.007
W
AVDD2
0.014
W
AVDD3
0.004
W
Notes:
1. VDD = 1.2 V(1.3 V for 1.0 GHz device), TJ = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com