Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML2250 Datasheet(PDF) 23 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 23 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 19Page - OKI electronic componets ML2250 Datasheet HTML 20Page - OKI electronic componets ML2250 Datasheet HTML 21Page - OKI electronic componets ML2250 Datasheet HTML 22Page - OKI electronic componets ML2250 Datasheet HTML 23Page - OKI electronic componets ML2250 Datasheet HTML 24Page - OKI electronic componets ML2250 Datasheet HTML 25Page - OKI electronic componets ML2250 Datasheet HTML 26Page - OKI electronic componets ML2250 Datasheet HTML 27Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
23/36
2. Serial Interface
When selecting the serial interface, the I/O pins ÝÍ, ÉÎ, ÜÉ, DI, SCK, ÎÜ, and DO are used as input pins to
input various commands and data, and as output pins to read out the status of the commands and data.
The micro-computer interface becomes effective when ÝÍ pin is set to “L” level.
To input the commands and data, “L” level is input to ÝÍ and ÉÎ pins followed by, from MSB, to DI pin in
synchronization with the input clock signal at SCK pin. Data at DI pin is captured inside the device on the
rising or falling edge of the clock at SCK pin. And the command is executed on the rising edge of the ÉÎ pin.
The selection of rising/falling edge of SCK clock is determined by the input level of the SCK pin on the falling
edge of the ÝÍ pin. If the SCK pin on the falling edge of the ÝÍ pin is at “L” level, the DI pin data is captured
inside the device on the rising edge of SCK clock. Conversely, if the SCK pin on the falling edge of the ÝÍ pin
is at “H” level, then the DI pin data is captured on the falling edge of SCK clock.
Use the ÜÉ pin to input various data after having input the EXT or Flash I/F command. The data input method
is the same as to input data from the ÉÎ pin.
The selection of rising/falling edge of SCK clock is determined by the input level of the SCK pin on the falling
edge of the ÉÎ pin. If the SCK pin on the falling edge of the ÉÎ pin is at “L” level, the DI pin data is captured
inside the device on the rising edge of SCK clock. Conversely, if the SCK pin on the falling edge of the ÉÎ pin
is at “H” level, then the DI pin data is captured on the falling edge of SCK clock.
Use the ÜÉ pin to input various data after having input the EXT or Flash I/F command. The data input method
is the same as to input data from the ÉÎ pin.
Command and Data Input Timings
SCK Rising Edge Operation
D7 D6
D5
D4
D3
D2 D1
D0
CS
(I)
WR
, DW(I)
DI(I)
SCK(I)
SCK falling Edge Operation
D7 D6
D5
D4
D3
D2 D1
D0
CS
(I)
WR
, DW(I)
DI(I)
SCK(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com