| Electronic Components Datasheet Search |
|
MPC8544EBVTARJA Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8544EBVTARJA Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 117 page ![]() MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8 Freescale Semiconductor 7 MPC8544E Overview • Three PCI Express interfaces — Two ×4 link width interfaces and one ×1 link width interface — PCI Express 1.0a compatible — Auto-detection of number of connected lanes — Selectable operation as root complex or endpoint — Both 32- and 64-bit addressing — 256-byte maximum payload size — Virtual channel 0 only — Traffic class 0 only — Full 64-bit decode with 32-bit wide windows • Power management — Supports power saving modes: doze, nap, and sleep — Employs dynamic power management, which automatically minimizes power consumption of blocks when they are idle • System performance monitor — Supports eight 32-bit counters that count the occurrence of selected events — Ability to count up to 512 counter-specific events — Supports 64 reference events that can be counted on any of the 8 counters — Supports duration and quantity threshold counting — Burstiness feature that permits counting of burst events with a programmable time between bursts — Triggering and chaining capability — Ability to generate an interrupt on overflow • System access port — Uses JTAG interface and a TAP controller to access entire system memory map — Supports 32-bit accesses to configuration registers — Supports cache-line burst accesses to main memory — Supports large block (4-Kbyte) uploads and downloads — Supports continuous bit streaming of entire block for fast upload and download • IEEE Std 1149.1™-compliant, JTAG boundary scan • 783 FC-PBGA package |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |