Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM5424331 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM5424331
Description  222,720-Word24-Bit Field Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5424331 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM5424331 Datasheet HTML 5Page - OKI electronic componets MSM5424331 Datasheet HTML 6Page - OKI electronic componets MSM5424331 Datasheet HTML 7Page - OKI electronic componets MSM5424331 Datasheet HTML 8Page - OKI electronic componets MSM5424331 Datasheet HTML 9Page - OKI electronic componets MSM5424331 Datasheet HTML 10Page - OKI electronic componets MSM5424331 Datasheet HTML 11Page - OKI electronic componets MSM5424331 Datasheet HTML 12Page - OKI electronic componets MSM5424331 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
FEDS5424331-01
1Semiconductor
MSM5424331
9/34
WR/TR: Write Reset/Write Transfer
WR/TR is a write reset control input in the FIFO mode. Write address reset modes are defined when WR/TR level
is high according to the “FUNCTION TABLE for write”.
When the write operation on a line is terminated, be sure to perform a write transfer operation by WR/TR in order
to store the written data in the write register to corresponding memory cells.
In the Block Access mode, the WR/TR signal is ignored.
WXINC: Write X Address Increment
WXINC is a write X address (or line address) increment control input in the FIFO mode. In the write address reset
cycle, defined by WR/TR high, the write X address (or line address) is incremented by 1 when WXINC is pulled
high with WADE/RX low.
In the Block Access mode, the WXINC signal is ignored.
WADE/RX: Write Address Enable/Write X Address Reset Logic Function
WADE/RX is a dual functional control input in the FIFO mode. WADE, one of the two functions of WADE/RX,
is a write address enable input. In the write address set cycle, X address (or line address) input from the WXAD
pin is latched into internal write X address register synchronously with WCLK.
RX, the second function of WADE/RX, works as an element to set write X address (or line address) reset mode. In
the write address reset cycle, defined by WR/TR high, the write X address is set to 0 when WADE/RX is pulled
high with WXINC low.
In the Block Access mode, the WADE/RX signal is ignored.
WXAD: Write X Address
WXAD is a write X address (or line address) input in the FIFO mode. WXAD specifies line address. 10 bits (0 to 9)
of write X address data are input serially from WXAD. The bits of an address is fetched starting from the higher
order bits. The most significant bit (A9) is ignored.
In the Block Access mode, the WXAD signal is ignored.
IE: Input Enable
IE is an input enable in the FIFO mode which controls the write operation. When IE is high, the input operation is
enabled. When IE is low, the write operation is masked. When
LWE and UWE signals are low, and IE low, the
internal serial write address pointer is incremented on the rising edge of WCLK without actual write operations.
This function facilitates picture in picture function in a TV system.
In the Block Access mode, the IE signal is ignored.
WAIT:
This output pin enables interface to the MPU in the Block Access mode.
To cause the MSM5424331 to operate in the Block Access mode, set the D/F pin high and afterward set
RAS low.
The output of the WAIT pin goes low while a row or column address is set. Perform the actual read or write
operation in the Block Access mode after the output of the WAIT pin goes high again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com