Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM9Z1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 9Page - NXP Semiconductors MM9Z1 Datasheet HTML 10Page - NXP Semiconductors MM9Z1 Datasheet HTML 11Page - NXP Semiconductors MM9Z1 Datasheet HTML 12Page - NXP Semiconductors MM9Z1 Datasheet HTML 13Page - NXP Semiconductors MM9Z1 Datasheet HTML 14Page - NXP Semiconductors MM9Z1 Datasheet HTML 15Page - NXP Semiconductors MM9Z1 Datasheet HTML 16Page - NXP Semiconductors MM9Z1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 452 page
background image
NXP Semiconductors
13
MM9Z1_638
ELECTRICAL CHARACTERISTICS
4
Electrical characteristics
4.1
General
This section contains electrical information for the microcontroller and the analog die.
4.2
Absolute maximum ratings
Absolute maximum ratings are stress ratings only. A functional operation under or outside these maximums is not guaranteed. Stress
beyond these limits may affect the reliability, or cause permanent damage of the device.
This device contains circuitry protecting against damage due to high static voltage or electrical fields. However, it is advised that normal
precautions be taken to avoid application of any voltages higher than maximum rated voltages to this high-impedance circuit. Reliability
of operation is enhanced if unused inputs are tied to an appropriate voltage level. All voltages are with respect to ground, unless otherwise
noted.
Ratings
Symbol
Value
Unit
VSUP pin voltage
VVSUP
-0.3 to 42
V
VSENSE0, VSENSE1, VSENSE2 pin voltage with 2.2 k resistor in serial (1)
VVSENSE012
-40 to 42
V
VSENSE3 pin voltage with 2.2k resistor in serial (1)
VVSENSE3
-40 to 62
V
PTB0, PTB1, PTB2, and PTB3 Voltage
VPTB0-3
-0.3 to VDDX+0.3
V
PTB4 direct voltage
PTB4 with external 47 k serial resistor
VPTB4
-0.3 to 7.0
-27 to 42
V
PTB5 GND Switch current
IPTB5
1.0
mA
ISENSEH and ISENSEL pin voltage
VISENSE
-0.5 to VDDA+0.25
V
ISENSEH and ISENSEL pin current
IISENSE
-1.0 to 1.0
mA
LIN pin voltage
VBUS
-27 to 42
V
LIN pin current (internally limited)
IBUSLIM
on page 18
mA
Voltage at VDDX
VDDX
-0.3 to 5.55
V
Voltage at VDDH
VDDH
-0.3 to 3.0
V
VDDH output current
IVDDH
internally limited
mA
VDDX output current
IVDDX
internally limited
mA
RESET_A pin voltage
VIN
-0.3 to VDDX+0.3
V
Table 4. Absolute maximum electrical ratings - analog die
Notes:
1.It has to be assured by the application circuit that these limits will not be exceeded, e.g. by ISO pulse 1.
Table 5. Maximum thermal ratings
Ratings
Symbol
Value
Unit
Storage temperature
TSTG
-55 to 150
°C
Package thermal resistance (2)
RθJA
32 typ.
°C/W
Notes:
2.RθJA value is derived using a JEDEC 2s2p test board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com