Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB7016T-I/KDXVAO Datasheet(PDF) 13 Page - Microchip Technology

Part # USB7016T-I/KDXVAO
Description  6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7016T-I/KDXVAO Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB7016T-I/KDXVAO Datasheet HTML 9Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 10Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 11Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 12Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 13Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 14Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 15Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 16Page - Microchip Technology USB7016T-I/KDXVAO Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
2021 Microchip Technology Inc.
DS00003740A-page 13
USB7016
USB Type-C Connector Control
Downstream
Port 1 Type-C
Voltage Monitor
DP1_VBUS_MON
AIO
Used to detect Type-C VBUS vSafe5V and
vSafe0V states on Port 1. Externally, VBUS
can be as high as 5.25 V, which can be
damaging to this pin. The amplitude of
VBUS must be reduced by a voltage divider.
The recommended voltage divider is shown
below. 1% tolerance resistors are recom-
mended.
Note:
For proper Type-C port opera-
tion, it is critical that this pin actu-
ally be connected to VBUS of the
port through the recommended
resistor divider. This pin should
not be tied permanently to a
fixed voltage power rail.
Note 3-3
If unused: Weak pull-down
to GND. This pin may be
left unused if Port 1 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-3
Downstream
Port 1 Type-C
CC1
DP1_CC1
I/O12
Used for Type-C attach and orientation
detection on Port 1. Includes configurable
Rp/Ra selection. Connect this pin directly to
the CC1 pin of the respective Type-C con-
nector.
Note 3-4
If unused: Weak pull-down
to GND. This pin may only
be left unused if Port 1 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-4
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused
VBUS_P1
43K
DP1_VBUS_MON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com