Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL900A Datasheet(PDF) 42 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 42 Page - ams AG

Back Button SL900A_V01 Datasheet HTML 38Page - ams AG SL900A_V01 Datasheet HTML 39Page - ams AG SL900A_V01 Datasheet HTML 40Page - ams AG SL900A_V01 Datasheet HTML 41Page - ams AG SL900A_V01 Datasheet HTML 42Page - ams AG SL900A_V01 Datasheet HTML 43Page - ams AG SL900A_V01 Datasheet HTML 44Page - ams AG SL900A_V01 Datasheet HTML 45Page - ams AG SL900A_V01 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 103 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − Custom Command Description
Get Battery Level
The GET BATTERY LEVEL command starts the AD conversion on
the battery voltage and returns the voltage level with the
battery type (1.5V or 3V).
Command Structure:
Successful Reply Structure:
The application can also request the battery type re-check if
the battery retrigger field has the value “00000001”, otherwise
the battery retrigger field needs to have the value “00000000”.
After connecting a new battery it is strongly recommended to
execute an Inventory round and send a Get Battery Level
command with retrigger option enabled. This is to ensure the
correct battery type 3V or 1.5V is selected based on the battery
voltage after it has settled. The retrigger option should not be
used when the battery has been partly or fully consumed
otherwise the battery type (3V or 1.5V) may be set to the wrong
type.
SOF
Custom
Command Code
Battery Retrigger
Handle
CRC
Frame - sync
0xE0
0xAA
8 bits
16 bits
16 bits
SOF
Header
A/D
Error
Battery
Type
Zeros
Battery
Level
Handle
CRC
EOF
Pilot tone
+
preamble
1 bit [0]
1 bit -
error [1]
1 bit - [0 =
1.5V, 1 = 3V]
4 bits
[0000]
10 bits
16 bits
16 bits
Dummy
bit [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com