Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L2SA812QLT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L2SA812QLT1
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA812QLT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  L2SA812QLT1 Datasheet HTML 1Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 2Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 3Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 4Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L2SA812-3/5
LESHAN RADIO COMPANY, LTD.
L2SA812*LT1
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
T A = 100°C
25°C
– 40°C
–50
–20
–10
–50
–2
–1
–0.5
–0.2
–0.1
0
–0.4
–0.8
–1.2
–1.6
–2.0
T
A = 25°C
–10
–8
–6
–4
–2
0
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics( )
Fig.3 Grounded emitter output characteristics( )
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig.6 Collector-emitter saturation voltage vs.
collector current ( )
V
CE= –10 V
V
BE , BASE TO EMITTER VOLTAGE(V)
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–35.0
–31.5
–28.0
–24.5
–21.0
–17.5
–14.0
–10.5
–7.0
–3.5
µA
I B =0
0
–1–2
–3
–4–5
T
A = 25°C
–100
–80
–60
–40
–20
0
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–250
–200
–150
500
450
400
350
300
–100
–50
µA
I B =0
T A = 25°C
500
200
100
50
V
CE= –5 V
–3V
–1V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 100°C
500
200
100
50
V
CE= – 6V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
25°C
–40°C
–1
–0.5
–0.2
–0.1
–0.05
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 25°C
I C /I B = 50
20
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com