Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRCOOL2KWM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRCOOL2KWM
Description  SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL2KWM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRCOOL2KWM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL2KWM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL2KWM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SRCOOL2KWM Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Close-coupled energy-saving cooling directed at equipment instead of whole room
q
Recommended for IT environments with limited floor space
q
2,000 BTU (0.6 kW) of cooling capacity
q
Prevents equipment shutdowns, malfunctions and failures caused by overheating and temperature
fluctuations
q
Eco-friendly R134A refrigerant meets environmental standards
q
Convenient Operation
Magnetic front scoop directs cool air through rack’s ventilated door or side panel to cool overheated
rack equipment
q
Magnetic door panel prevents warm air from entering cabinet
q
Restarts automatically after power failures
q
Intuitive push-button control panel features LCD display and diagnostic LEDs
q
Operates at noise levels comparable to an average office setting
q
Temperature control 63-86 degF
q
Optional Remote Management
SRCOOLNET2LX accessory (sold separately) allows you to monitor temperature and humidity, receive
alerts, review logs and control settings remotely via SNMP, web, SSH or telnet
q
Simple Installation
6 ft. power cord with NEMA 5-15P plug attaches to standard AC outlet
q
Built-in evaporator eliminates condensation—no floor drain or water collection tank needed
q
Magnetic air scoop attaches to rack enclosure’s front door to optimize airflow
q
Mounting hardware included
q
OVERVIEW
UPC Code
037332199928
INPUT
Nominal Input Voltage(s) Supported
120V AC
Electrical Consumption
276 Watts Max
Input Connection Type
NEMA 5-15P
Input Frequency
60 Hz
Input Cord Length (ft.)
6
Input Cord Length (m)
1.83
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com