Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATT1/AZ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF85363ATT1/AZ
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATT1/AZ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF85363ATT1/AZ Datasheet HTML 4Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 5Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 6Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 7Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 8Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 9Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 10Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 11Page - NXP Semiconductors PCF85363ATT1/AZ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Bit positions labeled as - are not implemented. After reset, all registers are set according to Table 61.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reference
17h
TSR2_seconds
-
TSR2_SECONDS (0 to 59)
18h
TSR2_minutes
-
TSR2_MINUTES (0 to 59)
AMPM
TSR2_HOURS (1 to 12) in 12 hour mode
19h
TSR2_hours
-
-
TSR2_HOURS (0 to 23) in 24 hour mode
1Ah
TSR2_days
-
-
TSR2_DAYS (1 to 31)
1Bh
TSR2_months
-
-
-
TSR2_MONTHS (1 to 12)
1Ch
TSR2_years
TSR2_YEARS (0 to 99)
Section 7.7
RTC timestamp3 (TSR3)
1Dh
TSR3_seconds
-
TSR3_SECONDS (0 to 59)
1Eh
TSR3_minutes
-
TSR3_MINUTES (0 to 59)
AMPM
TSR3_HOURS (1 to 12) in 12 hour mode
1Fh
TSR3_hours
-
-
TSR3_HOURS (0 to 23) in 24 hour mode
20h
TSR3_days
-
-
TSR3_DAYS (1 to 31)
21h
TSR3_months
-
-
-
TSR3_MONTHS (1 to 12)
22h
TSR3_years
TSR3_YEARS (0 to 99)
Section 7.7
RTC timestamp mode control
23h
TSR_mode
TSR3M[1:0]
-
TSR2M[2:0]
TSR1M[1:0]
Section 7.7
Table 4. RTC mode time registers...continued
7.1.1.2 Stop-watch mode time registers (RTCM = 1)
Bit positions labeled as - are not implemented. After reset, all registers are set according to Table 61.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reference
Stop-watch time registers
00h
100th_seconds
100TH_SECONDS (0 to 99)
01h
Seconds
OS
SECONDS (0 to 59)
02h
Minutes
EMON
MINUTES (0 to 59)
03h
Hours_xx_xx_00
HR_XX_XX_00 (0 to 99)
04h
Hours_xx_00_xx
HR_XX_00_XX (0 to 99)
05h
Hours_00_xx_xx
HR_00_XX_XX (0 to 99)
06h
not used
-
-
-
-
-
-
-
-
07h
not used
-
-
-
-
-
-
-
-
Section 7.3
Stop-watch alarm1
08h
Second_alm1
-
SEC_ALM1 (0 to 59)
09h
Minute_alm1
-
MIN_ALM1 (0 to 59)
0Ah
Hr_xx_xx_00_alm1
HR_XX_XX_00_ALM1 (0 to 99)
0Bh
Hr_xx_00_xx_alm1
HR_XX_00_XX_ALM1 (0 to 99)
0Ch
Hr_00_xx_xx_alm1
HR_00_XX_XX_ALM1 (0 to 99)
Section 7.4
Stop-watch alarm2
0Dh
Minute_alm2
-
MIN_ALM2 (0 to 59)
0Eh
Hr_xx_00_alm2
HR_XX_00_ALM2 (0 to 99)
0Fh
Hr_00_xx_alm2
HR_00_XX_ALM2 (0 to 99)
Section 7.4
Stop-watch alarm enables
10h
Alarm_enables
HR_00_XX_
A2E
HR_XX_00_
A2E
MIN_A2E
HR_00_XX_
XX_A1E
HR_XX_00_
XX_A1E
HR_XX_XX_
00_A1E
MIN_A1E
SEC_A1E
Section 7.4
Stop-watch timestamp1 (TSR1)
11h
TSR1_seconds
-
TSR1_SECONDS (0 to 59)
12h
TSR1_minutes
-
TSR1_MINUTES (0 to 59)
13h
TSR1_hr_xx_xx_00
TSR1_HR_XX_XX_00 (0 to 99)
Section 7.7
Table 5. Stop-watch mode time registers
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
8 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com