Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATT/A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF85363ATT/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATT/A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF85363ATT/A Datasheet HTML 45Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 46Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 47Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 48Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 49Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 50Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 51Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 52Page - NXP Semiconductors PCF85363ATT/A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Bit
Symbol
Value
Description
11
once per hour
Table 52. PI[1:0] bits - Function control register (address 28h)...continued
[1]
Default value.
The periodic interrupt mode can be used to enable pre-defined timers for generating
pulses on the interrupt pin. Interrupts once per second, once per minute or once per hour
can be generated.
When disabled, the timers are reset. When enabled, the time to the first pulse is between
the chosen period and the chosen period minus 1 seconds.
The timers are not affected by STOP.
When the periodic interrupt triggers, the PIF (PI flag) in the Flags register (Section 7.14)
is set.
The flag does not have to be cleared to allow another INTA or INTB pulse.
The duration of the periodic interrupt is unaffected by offset calibration.
See Section 7.9 for a description of interrupt pulse control and output pins.
7.13.3 RTCM: RTC mode
Bit
Symbol
Value
Description
RTC mode
0[1]
real-time clock mode
4
RTCM
1
stop-watch mode
Table 53. RTCM bit - Function control register (address 28h)
[1]
Default value.
The RTC mode is used to control how the time is counted. When configured as a classic
RTC, then time is counted from 100th seconds to years. In stop-watch mode, time is
counted from 100th seconds to 999 999 hours.
RTCM Mode
Time counting
0
RTC
100th seconds[1], seconds, minutes, hours, days, weekdays, months, years
1
stop-watch 100th seconds[1], seconds, minutes, hours (0 hours to 999 999 hours)
Table 54. RTC time counting modes
[1]
Enabled with 100TH bit in the Function register (Section 7.13).
7.13.4 STOPM: STOP mode control
Bit
Symbol
Value
Description
STOP mode
0[1]
RTC stop is controlled by STOP bit only
3
STOPM
1
RTC stop is controlled by STOP bit or TS
pin
Table 55. STOPM bit - Function control register (address 28h)
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
49 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com