Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL-USB-BLASTER-RCN Datasheet(PDF) 4 Page - Intel Corporation

Part # PL-USB-BLASTER-RCN
Description  Intel짰 FPGA Download Cable User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB-BLASTER-RCN Datasheet(HTML) 4 Page - Intel Corporation

  PL-USB-BLASTER-RCN Datasheet HTML 1Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 2Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 3Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 4Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 5Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 6Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 7Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 8Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2. Specifications for Intel FPGA Download Cable
The Intel FPGA Download Cable has a universal USB connector that plugs into the PC
USB port, and a female connector that plugs into a male header on the device board.
This section shows the hardware components, their dimensions, and lists the pins,
operating conditions and power requirements.
2.1. Block Diagram and Dimension
Figure 1.
Block Diagram of the Intel FPGA Download Cable
Chip
USB Interface
EPM7064AETC44
I/Os
I/Os
VCC (TRGT)
Pin 1
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
USBVCC
Receptacle
USB
10-P in
Female Plug
Voltag e Translator
Circuitry
Figure 2.
Dimension of the Intel FPGA Download Cable
0.5 (1)
7.5 (1)
2.5
1.0
2.0
(1) Applies to Rev. B and Rev. C.
All Dimensions are in inches.
2.2. Cable-to-Board Connection
TheIntel FPGA Download Cable has a 10-pin female connector, which plugs into a 10-
pin male header on the device board. The male header consists of two rows of five
pins, which are connected to the programming or configuration pins of the device.
UG-USB81204 | 2020.03.11
Send Feedback
Intel Corporation. All rights reserved. Agilex, Altera, Arria, Cyclone, Enpirion, Intel, the Intel logo, MAX, Nios,
Quartus and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or
other countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com