Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES9219C Datasheet(PDF) 40 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 36Page - ESS Technology,Inc ES9219C Datasheet HTML 37Page - ESS Technology,Inc ES9219C Datasheet HTML 38Page - ESS Technology,Inc ES9219C Datasheet HTML 39Page - ESS Technology,Inc ES9219C Datasheet HTML 40Page - ESS Technology,Inc ES9219C Datasheet HTML 41Page - ESS Technology,Inc ES9219C Datasheet HTML 42Page - ESS Technology,Inc ES9219C Datasheet HTML 43Page - ESS Technology,Inc ES9219C Datasheet HTML 44Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
40
1’b1: Automatic overcurrent shutdown is enabled and will mute the DAC if an overcurrent event exists for the
timeout period (defined by oc_sd_gain).
[6:4]
OC_SD_GAIN
Configures a timeout period before the automatic overcurrent detection circuit triggers a DAC mute.
3’d0: A timeout will never occur, which disables the overcurrent shutdown logic (default).
3’d1-3’d7: Selects the amount of time (MCLK dependent) before an overcurrent flag triggers an automatic
shutdown.
[3:0]
RESERVED
NA
Register 12: DPLL BANDWIDTH
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:4]
[3:0]
Mnemonic
DPLL_BW_SERIAL
DPLL_BW_DSD
Bits
Mnemonic
Description
[7:4]
DPLL_BW_SERIAL
Sets the bandwidth of the DPLL when operating in I2S/SPDIF mode.
4’d0: DPLL Off
4’d1: Lowest Bandwidth
4’d2:
4’d3:
4’d4:
4’d5: (default)
4’d6:
4’d7:
4’d8:
4’d9:
4’d10:
4’d11:
4’d12:
4’d13:
4’d14:
4’d15: Highest Bandwidth
[3:0]
DPLL_BW_DSD
Sets the bandwidth of the DPLL when operating in DSD mode.
4’d0: DPLL Off
4’d1: Lowest Bandwidth
4’d2:
4’d3:
4’d4:
4’d5:
4’d6:
4’d7:
4’d8:
4’d9:
4’d10: (default)
4’d11:
4’d12:
4’d13:
4’d14:
4’d15: Highest Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com