Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZF6UGRLBPC Datasheet(PDF) 4 Page - C&K Components

Part # ZF6UGRLBPC
Description  Pushbutton Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZF6UGRLBPC Datasheet(HTML) 4 Page - C&K Components

  ZF6UGRLBPC Datasheet HTML 1Page - C&K Components ZF6UGRLBPC Datasheet HTML 2Page - C&K Components ZF6UGRLBPC Datasheet HTML 3Page - C&K Components ZF6UGRLBPC Datasheet HTML 4Page - C&K Components ZF6UGRLBPC Datasheet HTML 5Page - C&K Components ZF6UGRLBPC Datasheet HTML 6Page - C&K Components ZF6UGRLBPC Datasheet HTML 7Page - C&K Components ZF6UGRLBPC Datasheet HTML 8Page - C&K Components ZF6UGRLBPC Datasheet HTML 9Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A-90
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
Third Angle
Projection
F Series
Pushbutton Switches
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
TERMINAL SEALING
PC MOUNTING
TB TOP & BOTTOM
(NONE) NO SEAL
F2UEE shown in example above.
NOTE: Available for North America only
OPTION CODE
FUNCTION
OA
EE
GR
Momentary
Alternate (push-push)
Interlock
OPTION CODE
FUNCTION
OA
EE
GR
AOR
OASP
GRSP
Momentary
Alternate (push-push)
Interlock
Central release
Momentary with lockout
Interlock with lockout
OPTION CODE
NO. OF POLES
SCHEMATIC
2U
4U
6U
8U
10U
2PDT
4PDT
6PDT
8PDT
10PDT
2X
3X
4X
5X
North America
Europe
29 may 19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com