Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2MDL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2MDL
Description  Flight controller unit evaluation board for toy drones
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2MDL Datasheet HTML 1Page - STMicroelectronics LIS2MDL Datasheet HTML 2Page - STMicroelectronics LIS2MDL Datasheet HTML 3Page - STMicroelectronics LIS2MDL Datasheet HTML 4Page - STMicroelectronics LIS2MDL Datasheet HTML 5Page - STMicroelectronics LIS2MDL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Compact flight controller unit (FCU) evaluation board complete with sample
firmware for a small or medium sized quadcopter
On-board LiPo 1-cell battery charger
Possibility to directly drive 4 DC brushed motors through the low voltage on-
board MOSFET or alternatively use external ESC for DC brushless motor
configuration
Main components:
STM32F401 – 32-bit MCU with ARM® Cortex®
LSM6DSL – iNEMO intertial module: 3D accelerometer and 3D gyroscope
LIS2MDL – High performance 3D magnetometer
LPS22HD – MEMS pressure sensor: 260-1260 hPa absolute digital output
barometer
SPBTLE-RF – Very low power module for Bluetooth Smart v4.1
STL6N3LLH6 - N-channel 30 V, 6 A STripFET H6 Power MOSFET
STC4054 - 800 mA standalone linear Li-Ion battery charger
RoHS compliant
WEEE compliant
Description
The STEVAL-FCU001V1 is designed to support quadcopter drone designers.
A complete sample firmware project allows the designer to begin flying small or
medium sized quadcopters (with brushed or brushless DC motors) immediately and
evaluate the performance of the IMU sensors under real flight conditions.
The FCU can be controlled by a standard external remote controller (PWM input
interface) or by a smartphone or tablet through the on-board Bluetooth low energy
module (CE, FCC, ARIB, BQE certified).
Magnetometer and pressure sensors are also embedded to support 3D navigation
applications.
SWD, I²C and USART connectors are available for firmware development and
debugging, and to support additional external sensors or RF modules.
Product summary
Flight controller unit
evaluation board for toy
drones
STEVAL-
FCU001V1
iNEMO 6DoF inertial
measurement unit
LSM6DSL
Magnetic sensor, digital
output, 3-axis
magnetometer
LIS2MDL
Piezoresistive absolute
pressure sensor digital
output barometer
LPS22HD
Very low power module
for Bluetooth Smart v4.1
SPBTLE-RF
N-channel, STripFET
H6 Power MOSFET
STL6N3LLH6
800 mA standalone
linear Li-Ion battery
charger
STC4054
Drone remote controller
app for Android
AppDrone
Reference design
firmware for mini drones
STSW-FCU001
Flight controller unit evaluation board for toy drones
STEVAL-FCU001V1
Data brief
DB3394 - Rev 2 - January 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LIS2MDL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2MDL STMICROELECTRONICS-LIS2MDL Datasheet
1Mb / 41P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
November 2018 Rev 5
LIS2MDL STMICROELECTRONICS-LIS2MDL Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LIS2MDLTR STMICROELECTRONICS-LIS2MDLTR Datasheet
1Mb / 41P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
November 2018 Rev 5
More results

Similar Description - LIS2MDL

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL320C-EVB-A0 AVERLOGIC-AL320C-EVB-A0 Datasheet
192Kb / 10P
LCD Controller Evaluation Board
logo
STMicroelectronics
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
Evaluation board for STCC2540 USB charging controller
04-Mar-2014
logo
Newhaven Display Intern...
NHD-3.5-320240MF-20 NEWHAVEN-NHD-3.5-320240MF-20 Datasheet
322Kb / 7P
TFT Controller Evaluation Board
NHD-3.5-320240MF-22 NEWHAVEN-NHD-3.5-320240MF-22 Datasheet
453Kb / 7P
TFT Controller Evaluation Board
NHD-3.5-320240MF-34 NEWHAVEN-NHD-3.5-320240MF-34 Datasheet
441Kb / 7P
TFT Controller Evaluation Board
NHD-4.3-480272MF-20 NEWHAVEN-NHD-4.3-480272MF-20 Datasheet
289Kb / 8P
TFT Controller Evaluation Board
NHD-4.3-480272MF-22 NEWHAVEN-NHD-4.3-480272MF-22 Datasheet
310Kb / 7P
TFT Controller Evaluation Board
NHD-4.3-480272MF-34 NEWHAVEN-NHD-4.3-480272MF-34 Datasheet
310Kb / 7P
TFT Controller Evaluation Board
logo
STMicroelectronics
STEVAL-ESC001V1 STMICROELECTRONICS-STEVAL-ESC001V1 Datasheet
803Kb / 5P
Electronic speed controller reference design for drones
Rev 3 - November 2018
logo
Analog Technologies, In...
TEC28V15AEV1 ANALOGTECHNOLOGIES-TEC28V15AEV1 Datasheet
5Mb / 10P
Evaluation Board for TEC Controller
4/21/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com