Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G070CBT6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32G070CBT6
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070CBT6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32G070CBT6 Datasheet HTML 45Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 46Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 47Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 48Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 49Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 50Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 51Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 52Page - STMicroelectronics STM32G070CBT6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
DS12766 Rev 2
49/93
STM32G070CB/KB/RB
Electrical characteristics
80
I/O dynamic current consumption
In addition to the internal peripheral current consumption measured previously (see
Table 30: Current consumption of peripherals, the I/Os used by an application also
contribute to the current consumption. When an I/O pin switches, it uses the current from
the I/O supply voltage to supply the I/O pin circuitry and to charge/discharge the capacitive
load (internal or external) connected to the pin:
where
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load
VDDIO1 is the I/O supply voltage
fSW is the I/O switching frequency
C is the total capacitance seen by the I/O pin: C = CINT+ CEXT + CS
CS is the PCB board capacitance including the pad pin.
The test pin is configured in push-pull output mode and is toggled by software at a fixed
frequency.
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the following table. The MCU
is placed under the following conditions:
All I/O pins are in Analog mode
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
Ambient operating temperature and supply voltage conditions summarized in Table 17:
Voltage characteristics
The power consumption of the digital part of the on-chip peripherals is given in the
following table. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
ISW
VDDIO1 fSW C
=
Table 30. Current consumption of peripherals
Peripheral
Bus
Consumption in µA/MHz
Range 1
Range 2
Low-power run
and sleep
IOPORT Bus
IOPORT
1.0
0.7
0.5
GPIOA
IOPORT
3.4
2.8
3.0
GPIOB
IOPORT
3.1
2.6
2.5
GPIOC
IOPORT
2.9
2.5
3.0
GPIOD
IOPORT
1.8
1.5
1.5
GPIOF
IOPORT
0.7
0.6
1.0
Bus matrix
AHB
3.2
2.2
2.8
All AHB Peripherals
AHB
15.0
12.5
14.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com