Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G071XB Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32G071XB
Description  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071XB Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32G071XB Datasheet HTML 93Page - STMicroelectronics STM32G071XB Datasheet HTML 94Page - STMicroelectronics STM32G071XB Datasheet HTML 95Page - STMicroelectronics STM32G071XB Datasheet HTML 96Page - STMicroelectronics STM32G071XB Datasheet HTML 97Page - STMicroelectronics STM32G071XB Datasheet HTML 98Page - STMicroelectronics STM32G071XB Datasheet HTML 99Page - STMicroelectronics STM32G071XB Datasheet HTML 100Page - STMicroelectronics STM32G071XB Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
DS12232 Rev 3
97/133
STM32G071x8/xB
Electrical characteristics
106
5.3.21
Temperature sensor characteristics
tSTART
Comparator startup
time to reach
propagation delay
specification
High-speed mode
-
-
5
µs
Medium-speed mode
-
-
15
tD
Propagation delay
200 mV step;
100 mV
overdrive
High-speed mode
-
30
50
ns
Medium-speed mode
-
0.3
0.6
µs
>200 mV step;
100 mV
overdrive
High-speed mode
-
-
70
ns
Medium-speed mode
-
-
1.2
µs
Voffset
Comparator offset
error
Full common mode range
-
±5
±20
mV
Vhys
Comparator
hysteresis
No hysteresis
-
0
-
mV
Low hysteresis
-
10
-
Medium hysteresis
-
20
-
High hysteresis
-
30
-
IDDA(COMP)
Comparator
consumption from
VDDA
Medium-speed
mode;
No deglitcher
Static
-
5
7.5
µA
With 50 kHz and ±100 mV
overdrive square signal
-6
-
Medium-speed
mode;
With deglitcher
Static
-
7
10
With 50 kHz and ±100 mV
overdrive square signal
-8
-
High-speed
mode
Static
-
250
400
With 50 kHz and ±100 mV
overdrive square signal
-250
-
1. Guaranteed by design.
2. Refer to Table 24: Embedded internal voltage reference.
Table 62. COMP characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 63. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VTS linearity with temperature
-
±1
±2
°C
Avg_Slope(2)
Average slope
2.3
2.5
2.7
mV/°C
V30
Voltage at 30°C (±5 °C)(3)
0.742
0.76
0.785
V
tSTART(TS_BUF)(1) Sensor Buffer Start-up time in continuous mode(4)
-8
15
µs
tSTART(1)
Start-up time when entering in continuous mode(4)
-
70
120
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com