Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSPIN32G4 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 26Page - STMicroelectronics STSPIN32G4 Datasheet HTML 27Page - STMicroelectronics STSPIN32G4 Datasheet HTML 28Page - STMicroelectronics STSPIN32G4 Datasheet HTML 29Page - STMicroelectronics STSPIN32G4 Datasheet HTML 30Page - STMicroelectronics STSPIN32G4 Datasheet HTML 31Page - STMicroelectronics STSPIN32G4 Datasheet HTML 32Page - STMicroelectronics STSPIN32G4 Datasheet HTML 33Page - STMicroelectronics STSPIN32G4 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
The READY output can be programmed to report one or more of the following conditions:
The VCC supply is below the undervoltage threshold.
Thermal shutdown.
Entering standby mode.
By default, the pin reports the standby and the VCC undervoltage condition (refer to Table 19).
5.5.3
nFAULT output
The nFAULT open-drain output indicates a critical failure condition. The output can be configured to report one or
more of the following failures:
The device performed a RESET (this signaling cannot be masked)
VDS monitoring protection is triggered
Thermal shutdown
The VCC supply is below the undervoltage threshold
By default, the nFAULT pin reports all above failures (refer to Table 20).
5.5.4
I2C interface
The internal registers are available through a standard IIC (I2C) interface supporting 7-bit addressing and
communication speed up to 1 Mbit/s (Fast mode Plus).
The 7-bit address of the device is fixed and equal to 1000111.
Table 16. I2C address
Device address
7
6
5
4
3
2
1
0
1
0
0
0
1
1
1
R/W bit
5.5.5
Registers
The configuration of the device is set through a list of 8-bit registers. Refer to the following tables for details.
Table 17. Power manager configuration register
Register
Bit #
Bit name
Default
Description
POWMNG
Address 0x01
Protected
7
0
6
REG3V3_DIS
0
3.3V linear regulator:
Enabled by default, 1 to disable
5
VCC_DIS
0
VCC buck regulator:
Enabled by default, 1 to disable
4
STBY_REG_EN
0
Standby linear regulator:
Disabled by default, 1 to enable
3
0
2
0
1
VCC_VAL
0
Set the output value for the VCC regulator:
00: VCC set to 8V (default)
01: VCC set to 10V
10: VCC set to 12V
11: VCC set to 15V
0
0
STSPIN32G4
Control logic
DS13630 - Rev 1
page 30/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com