Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THGAF4G8N2LBAIR Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # THGAF4G8N2LBAIR
Description  Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAF4G8N2LBAIR Datasheet(HTML) 4 Page - Toshiba Semiconductor

  THGAF4G8N2LBAIR Datasheet HTML 1Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 2Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 3Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 4Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 5Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 6Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 7Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 8Page - Toshiba Semiconductor THGAF4G8N2LBAIR Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
– 4 –
S LC N A N D F l as h Me mo r y
BENAND
TM
NAND I/F
Host
Controller
ECC
Serial Interface
NAND
SPI
ECC (*)
Host
Controller
SLC NAND
NAND I/F
Host
Controller
ECC
SLC NAND Flash Memory Line-up
Low Capacity (Small Block Size)
Capacity
Part Number
TC58DVM92A5TA00
TC58DVM92A5TAI0
TC58DVM92A5BAJ3
48 pin TSOP
63 Ball BGA
0 to 70
–40 to 85
512 Mbits
512
16 K
2.7 to 3.6
Package
Power Supply
(V)
Block Size
(byte)
Page Size
(byte)
Operating Temperature
(˚C)
SLC NAND Flash Memories in BGA packages are also available with a supply voltage of 1.8 V. For details, contact your Toshiba sales representative.
* The ECC logic in Serial Interface NAND can be enabled and disabled by
the customers.
To meet diverse customers' application needs, Toshiba offers SLC NAND flash memory products with a wide range of
capacity points and multiple packaging options. The high read/write performance and write endurance of the Toshiba SLC
NAND make it a superb choice for a broad spectrum of commercial and industrial applications. SLC NAND also provides
a significant cost advantage compared with NOR flash memory.
Toshiba, the inventor of flash memory, has led the world in using successive generations of fabrication processes to
steadily enhance its performance. Toshiba also offers BENAND™ that incorporates error checking and correction (ECC)
and Serial Interface NAND that provides a serial peripheral interface for NAND flash interfacing. Thus, you can select the
optimal SLC NAND according to your host ECC and memory interface requirements.
SLC NAND Flash Memory Lineup
The Toshiba SLC NAND lineup includes three categories of products.
You can choose a product that best fits your needs accordingly to the ECC capability and the memory interface of the host chipset.
SLC NAND
The high read/write performance and write endurance of the
Toshiba SLC NAND make it a superb choice for a broad
spectrum of commercial and industrial applications.
BENAND™
BENAND™ is a NAND flash memory that incorporates ECC logic.
BENAND™ eliminates the need for a host processor to perform
ECC, making it possible to utilize the latest 24-nm SLC NAND
regardless of whether the host processor has an adequate ECC
capability.
Serial Interface NAND
Serial Interface NAND provides a commonly used six-pin Serial
Peripheral Interface (SPI) for flash memory interfacing and is
offered in small WSON and SOP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com