Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS75R12KE3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # FS75R12KE3
Description  IGBT-Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KE3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  FS75R12KE3 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 7Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 8Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Technische Information / technical information
FS75R12KE3
IGBT-Module
IGBT-Modules
min.
typ.
max.
-
-
0,35
K/W
-
-
0,58
K/W
mm
clearence distance
Luftstrecke
mm
creepage distance
Kriechstrecke
g
weight
G
180
Gewicht
M
3
-
Innere Isolation
6
internal insulation
CTI
comperative tracking index
Gehäuse, siehe Anlage
case, see appendix
Schraube / screw M5
Al2O3
225
10,0
7,5
Abweichung von R100
R25
-
k
Ω
Thermische Eigenschaften / thermal properties
-5
-
5
-5
Verlustleistung
Tc= 100°C, R100= 493Ω
∆R/R
Tc= 25°C
P25
power dissipation
RthCK
thermal resistance, case to heatsink
Höchstzulässige Sperrschichttemp.
Übergangs Wärmewiderstand
Tvj max
pro Modul / per module
λPaste= 1W/m*K / λgrease= 1W/m*K
operation temperature
maximum junction temperature
Betriebstemperatur
B-value
%
-
-
Charakteristische Werte / characteristic values
NTC-Widerstand / NTC-thermistor
Nennwiderstand
Tc= 25°C
rated resistance
deviation of R100
B-Wert
R2= R1 exp[B(1/T2 - 1/T1)]
B25/50
K/W
-
0,02
-
3375
-
K
°C
20
mW
150
-
--
-40
-
Mit dieser technischen Information werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften
zugesichert. Sie gilt in Verbindung mit den zugehörigen technischen Erläuterungen.
125
°C
°C
Tstg
-40
-
125
Lagertemperatur
storage temperature
This technical information specifies semiconductor devices but promises no characteristics. It is valid with
the belonging technical notes.
Innerer Wärmewiderstand; DC
thermal resistance, junction to case; DC
Transistor Wechelr. / transistor inverter
Diode Wechselrichter / diode inverter
RthJC
Mechanische Eigenschaften / mechanical properties
Nm
Anzugsdrehmoment, mech. Befestigung
mounting torque
Tvj op
3 (8)
DB_FS75R12KE3_3.0 .xls
2002-09-03



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com