Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2A2 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 2A2
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2A2 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 2A2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2A2 Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
111
LEGEND INFORMATION
Honeywell MICRO SWITCH Division pro-
vides legend service on the inserts sup-
plied with three-piece screens only. To
specify your needs, add -L to the catalog
listings (example: 2A81-L) and use Leg-
end Order Sheet (Form FO-62308),
shown on facing page. Reproduce it on
your office copier.
On any one insert, only one size of type is
provided in either black or white. After
legending, the insert is assembled to the
display screen. The type face used is
‘‘Modified Gothic’’.
LAMPS
T-13⁄4 incandescent lamps are available
from MICRO SWITCH in 28 volt versions.
Use of neon lamps is not recommended.
Light output is approximately 30% of an
incandescent lamp. Also, a neon lamp
will not illuminate blue or green filters or
display screens due to the absence of
these colors from the neon light spec-
trum.
LAMP POLICY
The 28 volt lamps are offered as a conve-
nience to customers. Honeywell MICRO
SWITCH Division does not extend any
warranty as to such lamps, and cannot
guarantee to provide lamps from specific
manufacturers. Any technical or quality
questions regarding such lamps should
be directed to the lamp manufacturer.
COLOR FILTERS FOR PROJECTED
COLOR
Projected color is achieved by using
white buttons and color filters over clear
lamps. When lamps are lighted, white
button takes on color projected by the
filters.
Filters used with type 2C200 and 2F200
housings (no-tool relamping) slip over
lamp sockets in lampholder.
SCREEN/LEGEND COLORS
The chart below shows recommended
display screen and legend color combi-
nations for optimum legibility.
Legend Lettering
Screen
Color
Black
White
Red
x
Green
x
Yellow
x
Amber
x
x
White
x
LAMP ORDER GUIDE
Rating
Life/Voltage†
Catalog
Base
Type
Life in
Expected
Listing
Style
No.
Volts
Amps
Hours
Volts
Life (Hrs.)
2E1
Flange
327
28
.040
1000
24.0
7,500
26.0
2,800
30.0
400
† These are experimental continuous life test results supplied by a lamp manufacturer for reference only.
Intermittent operation may reduce these figures as much as 50%. Ratings are based on median values of
current and life.
Wattage should not exceed 2.4 watts (2 lamps) per switch, for continuous illumination.
FILTER ORDER GUIDE
Filter Style
Red
Green
Amber
White*
For Type 2C200 and
2G12
2G14
2G16
2G17
2F200 Housings
* Has blue tint to compensate for high yellow content of incandescent lamps at low voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com