Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TWDLCAE40DRF Datasheet(PDF) 2 Page - Schneider Electric

Part # TWDLCAE40DRF
Description  compact PLC base Twido - 100..240 V AC supply - 24 I 24 V DC - 16 O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TWDLCAE40DRF Datasheet(HTML) 2 Page - Schneider Electric

  TWDLCAE40DRF Datasheet HTML 1Page - Schneider Electric TWDLCAE40DRF Datasheet HTML 2Page - Schneider Electric TWDLCAE40DRF Datasheet HTML 3Page - Schneider Electric TWDLCAE40DRF Datasheet HTML 4Page - Schneider Electric TWDLCAE40DRF Datasheet HTML 5Page - Schneider Electric TWDLCAE40DRF Datasheet HTML 6Page - Schneider Electric TWDLCAE40DRF Datasheet HTML 7Page - Schneider Electric TWDLCAE40DRF Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Current consumption
128 mA 24 V DC at state 1
128 mA 24 V DC state 1 + input ON
170 mA 5 V DC at state 0
240 mA 5 V DC state 1 + input ON
5 mA 24 V DC at state 0
90 mA 5 V DC at state 1
I/O connection
Non-removable screw terminal block
Maximum input/output number
152 removable screw terminal block with I/O expansion module
208 spring terminal block with I/O expansion module
264 HE-10 connector with I/O expansion module
Network Frequency
50/60 Hz
Supply voltage limits
85…264 V
Network frequency limits
47…63 Hz
Power supply output current
0.4 A 24 V DC sensors
Input Current
790 mA
Inrush current
35 A
Protection type
Power protection internal fuse
Power consumption in VA
65 VA 100 V
77 VA 264 V
Insulation resistance
> 10 MOhm at 500 V, between I/O and earth terminals
> 10 MOhm at 500 V, between supply and earth terminals
Program memory
3000 instructions
Exact time for 1 Kinstruction
1 ms
System overhead
0.5 ms
Memory description
Internal RAM, 128 counters, no floating, no trigonometrical
Internal RAM, 128 timers, no floating, no trigonometrical
Internal RAM, 256 internal bits, no floating, no trigonometrical
Internal RAM, 3000 internal words, no floating, no trigonometrical
Internal RAM, double words, no floating, no trigonometrical
Internal RAM, floating, trigonometrical
Free slots
1
Realtime clock
With <= 30 s/month 30 days
Port Ethernet
10BASE-T/100BASE-TX
Communication service
BOOTP client, Ethernet TCP/IP
Modbus messaging, Ethernet TCP/IP
Positioning functions
PWM/PLS 2 7 kHz
Counting input number
2 20000 Hz 32 bits
4 5000 Hz 16 bits
Analogue adjustment points
1 point adjustable from 0 to 511 points
1 point adjustable from 0...1023
Status LED
PWR 1 LED Green)
1 LED (green)RUN
I/O status 1 LED per channel Green)
Module error (ERR) 1 LED Red)
User pilot light (STAT) 1 LED
10 or 100 Mbit/s rate (LACT) 1 LED
Ethernet status (LAN ST) 1 LED
Depth
2.76 in (70 mm)
Height
3.74 in (95 mm)
Width
3.54 in (90 mm)
Product Weight
1.16 lb(US) (0.525 kg)
Environment
Immunity to microbreaks
10 ms
Dielectric strength
1500 V for 1 minute, between I/O and earth terminals
1500 V for 1 minute, between supply and earth terminals
Product Certifications
UL
CSA
Marking
CE
Ambient Air Temperature for Operation
32…131 °F (0…55 °C)
Ambient Air Temperature for Storage
-13…158 °F (-25…70 °C)
Relative humidity
30…95 % without condensation
IP degree of protection
IP20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com