Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTSH-105-01-L-D-R Datasheet(PDF) 3 Page - Silicon Laboratories

Part # FTSH-105-01-L-D-R
Description  Debugging and Programming Interfaces for Custom Designs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

FTSH-105-01-L-D-R Datasheet(HTML) 3 Page - Silicon Laboratories

  FTSH-105-01-L-D-R Datasheet HTML 1Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 2Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 3Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 4Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 5Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 6Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 7Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 8Page - Silicon Laboratories FTSH-105-01-L-D-R Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2. Background
The Silicon Labs MCU Starter Kit (STK) and Wireless Starter Kit (WSTK) provide a powerful development and debug environment
when used with Simplicity Studio. The STK and WSTK provide several debug capabilities and features, including the following:
• SWD (serial wire debug)
• 2-pin serial wire debug interface for programming and debugging, using the pins SWCLK and SWDIO.
• JTAG
• 4-wire interface for programming and debugging, using the pins TCK, TMS, TDI, and TDO.
• C2 interface (for 8-bit devices)
• 2-wire programming interface used by most Silicon Labs 8-bit MCUs.
• See "AN124: Pin Sharing Techniques for the C2 Interface", which discusses pin sharing for C2 devices.
• ETM* (embedded trace macrocell)
• Debug component which enables reconstruction of program execution, and is designed as a high-speed, low-power debug tool
that only supports instruction trace.
• AEM (advanced energy monitoring)
• Accurate high-speed current measurements and energy debugging/profiling when the STK/WSTK power selection switch is in the
AEM position. Use with Simplicity Studio Energy Profiler perspective.
• PTI (packet trace interface [WSTK only])
• Physical layer (PHY) level PTI for effective network-level debugging. Monitors all the PHY transmit and receive packets between
the MAC and baseband modules within the radio without affecting normal operation.
• VCOM (virtual COM port)
• UART COM port interface to the target from the debugger (pass-through UART).
• Virtual UART
• SWD-based virtual UART interface to the target from the debugger, available through the SWD interface (SWDIO, SWCLK, and
SWO).
These features are available via several different interface means, depending on the features required by the custom target hardware
design and the board space available for these interface connectors or test points. These details are discussed in the following sec-
tions.
Note:
1. The STK and WSTK support ETM only when using an external debugger which supports ETM Capture. The STK and WSTK do
not include an ETM capture unit. Only devices that have an ETM macrocell will support ETM capture, regardless of the debugger
capabilities. Consult the corresponding MCU or Wireless device data sheet for details regarding whether ETM is supported on the
device. Silicon Labs MCU and Wireless Development Kits may include support for ETM. Consult the kit documentation for further
details.
2. To ensure that the STK and WSTK properly recognize the connected target device, go to the target adapter in the "Debug Adapt-
ers" list in Simplicity Studio, right-click on the target adapter, select "Device Configuration", select the "Device Hardware" tab, and
enter the full part number of the external device target under "Target Part".
AN958: Debugging and Programming Interfaces for Custom Designs
Background
silabs.com | Building a more connected world.
Rev. 0.7 | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com