Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD-A60W Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PSD-A60W
Description  60 Watts Compact Size DIN-Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PSD-A60W Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PSD-A60W Datasheet HTML 1Page - Advantech Co., Ltd. PSD-A60W Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PSD-A60W Series
Derating Curve
Dimensions
Unit: mm [inch]
PSD-A60W24
OUTPUT
1.4-0.8A
100-240VAC,50-60Hz,
INPUT
24VDC,2.5A
7.00
90.20 [3.55]
3.50 [0.14]
32 [1.26]
32 [1.26]
Ordering Information
Part Number
Description
PSD-A60W12
12 VDC/ 60 Watts DIN-Rail Power Supply
PSD-A60W24
24 VDC/ 60 Watts DIN-Rail Power Supply
PSD-A60W48
48 VDC/ 60 Watts DIN-Rail Power Supply
Specifications
Mechnical
level, criteria A,SEMI F47
Metal Case
Input Connector
3 Pins (300V/ 20A)
Output Connector
4 Pins (300V/ 20A)
Terminal Type
Screw Terminal (Screw Torque: 5.5 lb. per inch)
Wire
AWG22-16
Mounting Rail
Standard TS35 DIN-Rail in accordance with EN60715
Cooling System
Conventional
Dimensions (W x H x D)
32 x 100 x 90.2 mm / 1.26 x 3.94 x 3.54 inch
Weight
315±5 g / 0.671 lb.
Reliability and
Warranty
MTBF (hours)
500,000 (based on SR-332)
Warranty
3 Years
PSD-A60W series full load to 60°C, with 2.5% derating per °C
0
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
Temperature °C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com