| Electronic Components Datasheet Search |
|
E5-1600 Datasheet(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
E5-1600 Datasheet(HTML) 21 Page - Intel Corporation |
|
21 / 258 page ![]() Intel® Xeon® Processor E5-1600/E5-2600/E5-4600 Product Families 21 Datasheet Volume One Overview Enhanced Intel SpeedStep® Technology Allows the operating system to reduce power consumption when performance is not needed. Execute Disable Bit The Execute Disable bit allows memory to be marked as executable or non- executable, when combined with a supporting operating system. If code attempts to run in non-executable memory the processor raises an error to the operating system. This feature can prevent some classes of viruses or worms that exploit buffer overrun vulnerabilities and can thus help improve the overall security of the system. See the Intel® 64 and IA-32 Architectures Software Developer's Manuals for more detailed information. Flit Flow Control Unit. The Intel QPI Link layer’s unit of transfer; 1 Flit = 80-bits. Functional Operation Refers to the normal operating conditions in which all processor specifications, including DC, AC, system bus, signal quality, mechanical, and thermal, are satisfied. IMC The Integrated Memory Controller. A Memory Controller that is integrated in the processor die. IIO The Integrated I/O Controller. An I/O controller that is integrated in the processor die. Intel® ME Intel® Management Engine (Intel® ME) Intel® QuickData Technology Intel QuickData Technology is a platform solution designed to maximize the throughput of server data traffic across a broader range of configurations and server environments to achieve faster, scalable, and more reliable I/O. Intel® QuickPath Interconnect (Intel® QPI) A cache-coherent, link-based Interconnect specification for Intel processors, chipsets, and I/O bridge components. Intel® 64 Technology 64-bit memory extensions to the IA-32 architecture. Further details on Intel 64 architecture and programming model can be found at http://developer.intel.com/technology/intel64/. Intel® Turbo Boost Technology Intel® Turbo Boost Technology is a way to automatically run the processor core faster than the marked frequency if the part is operating under power, temperature, and current specifications limits of the Thermal Design Power (TDP). This results in increased performance of both single and multi-threaded applications. Intel® TXT Intel® Trusted Execution Technology Intel® Virtualization Technology (Intel® VT) Processor virtualization which when used in conjunction with Virtual Machine Monitor software enables multiple, robust independent software environments inside a single platform. Intel® VT-d Intel® Virtualization Technology (Intel® VT) for Directed I/O. Intel VT-d is a hardware assist, under system software (Virtual Machine Manager or OS) control, for enabling I/O device virtualization. Intel VT-d also brings robust security by providing protection from errant DMAs by using DMA remapping, a key feature of Intel VT-d. Intel® Xeon® processor E5-1600 product family and Intel® Xeon® processor E5-2600 product family Intel’s 32-nm processor design, follow-on to the 32-nm 2nd Generation Intel® Core™ Processor Family design. It is the first processor for use in Intel® Xeon® processor E5-1600 and E5-2600 product families-based platforms. Intel® Xeon® processor E5-1600 product family and Intel® Xeon® processor E5-2600 product family supports Efficient Performance server, workstation and HPC platforms Intel® Xeon® processor E5-4600 product family Intel’s 32-nm processor design, follow-on to the 32-nm processor design. It is the first processor for use in Intel® Xeon® processor E5-4600 product family- based platforms. Intel® Xeon® processor E5-4600 product family supports scalable server and HPC platforms for two or more processors, including glueless four-way platforms. Integrated Heat Spreader (IHS) A component of the processor package used to enhance the thermal performance of the package. Component thermal solutions interface with the processor at the IHS surface. Jitter Any timing variation of a transition edge or edges from the defined Unit Interval (UI). IOV I/O Virtualization LGA2011-0 land FCLGA10 Socket The processor mates with the system board through this surface mount, LGA2011-0 land FCLGA10 contact socket, for the Intel® Xeon® processor E5 product family-based platform. Term Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |