Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MR25H40CDF Datasheet(PDF) 13 Page - Everspin Technologies Inc.

Part # MR25H40CDF
Description  50MHz/20ns tSCK 4Mb SPI Interface MRAM / 40MHz/25ns tSCK 4Mb SPI Interface MRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERSPIN [Everspin Technologies Inc.]
Direct Link  https://www.everspin.com/
Logo EVERSPIN - Everspin Technologies Inc.

MR25H40CDF Datasheet(HTML) 13 Page - Everspin Technologies Inc.

Back Button MR25H40CDF Datasheet HTML 9Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 10Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 11Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 12Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 13Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 14Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 15Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 16Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 17Page - Everspin Technologies Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Copyright © Everspin Technologies 2020
13
MR20H40 / MR25H40
MR20H40 / MR25H40 Revision 12.6, 8/2020
Figure 9 – Write Data Bytes (WRITE) Timing
The Enter Sleep Mode (SLEEP) command turns off all MRAM power regulators in order to reduce the overall
chip standby power to 15 μA typical. The SLEEP command is entered by driving CS low, sending the com-
mand code, and then driving CS high. The standby current is achieved after time, tDP. If power is removed
when the part is in sleep mode, upon power restoration, the part enters normal standby. The only valid
command following SLEEP mode entry is a WAKE command.
Figure 10 – Enter Sleep Mode (SLEEP) Timing
SCK
SI
SO
CS
24-Bit Address
High Impedance
Instruction (02h)
0
0
0
0
0
0
1
0
23
22
21
3
2
1
0
7
6
5
4
3
2
1
0
MSB
MSB
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31
32
33
34
35
36
37
38
39
SCK
SI
SO
CS
Data Byte 3
High Impedance
Data Byte N
Data Byte 2
3
4
2
1
0
7
6
5
4
3
2
1
0
MSB
7
6
5
4
3
2
1
0
7
6
5
MSB
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
Mode 3
Mode 0
Enter Sleep Mode (SLEEP)
SCK
SI
SO
CS
Standby Current
Active Current
Mode 3
Mode 0
Sleep Mode Current
Instruction (B9h)
1
0
1
1
1
0
0
1
0
1
2
3
4
5
6
7
DP
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com