Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2-F-7101 Datasheet(PDF) 7 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 7 Page - Connective Peripherals Pte Ltd

Back Button USB2-F-7101 Datasheet HTML 3Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 4Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 5Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 6Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 7Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 8Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 9Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 10Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 11Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
7
1.4
Features
•
Adds one CANbus port by connecting to USB
•
Easy plug & play installation and CANbus device connection
•
Works with USB 1.1 & 2.0 Host and Hub ports
•
Industry Standard FTDI chip set & drivers for maximum compatibility
•
Installs as standard Windows COM port or USB Serial Device
•
COM Port Number can be changed to COM1 to COM4 or any other COM port number required
•
Supports Windows Server 2008, 2003, Vista, XP 2000, Linux, Mac OS X
•
FIFO: 128 byte transmit buffer, 384 byte receive buffer
•
Powered by USB port. No external power adapter required.
•
CANbus speed up to 1Mbps
•
One DE-9P male connector
•
LEDs indicate Initialization and CANbus status for monitoring port status & easy diagnostics
•
High-temperature plastic enclosure
•
Operating temperature of -40°C to +85°C
•
USB cable of 0.9 meter included
1.5
Performance Figures
Parameter
Performance
USB Interface
12Mbps USB 2.0 Full-Speed
CANbus Interface
10Kbps to 1Mbps
Table 1.2 – Performance Figures
1.6
Ordering Information
Part Number
Description
USB2-F-7001
CAN-Plus Full-Speed USB to 1-Port CANbus Adapter
USB2-F-7101
CAN-Plus Full-Speed USB to 1-Port CANbus Adapter with optical isolation
Table 1.3 – Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com