Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFFPL4IW Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CFFPL4IW
Description  Mini-Com짰 Modular Furniture Faceplates
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFFPL4IW Datasheet(HTML) 1 Page - PANDUIT CORP.

  CFFPL4IW Datasheet HTML 1Page - PANDUIT CORP. CFFPL4IW Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Modular furniture faceplates shall be
available in multiple port densities, flat
or sloped, with or without label pocket.
Select furniture faceplates shall mount to
standard and/or custom furniture openings
depending on the furniture manufacturer
it's compatible with. Furniture faceplates
will accept any Mini-Com® Module.
Mini-Com® Modular Furniture Faceplates
SPECIFICA TION SHEET
applications
The 2 and 4 position furniture faceplates
(CFFP4**, CFFPL4**, CFFPLA4**, and
CFFPA2**) are used in work areas with
modular furniture which have the TIA/EIA
standard furniture outlet opening. Modular
furniture manufacturers like Herman Miller^
and Knoll^^ have custom openings for various
models of furniture. The CFFPHM4** can be
used with Herman Miller Action Office 2 and 3,
and Baseline furniture series. The
CFFPEBSL4** is designed to work with the
Ethospace Beltline series, and is a 4-position
sloped faceplate. Knoll Equity^^ furniture can
utilize CFFPKE3**, which is a 3-position
furniture faceplate that is extended off the face
of the furniture. Also offered is a comparable
3-position faceplate, CFFPE3**, which adapts
to Knoll’s Morrison^^^ Series, in addition to the
TIA/EIA standard opening.
technical information
Mounting options:
Standard sizes have industry standard TIA/EIA opening; custom sizes
vary by furniture manufacturer:
Standard openings: 1.345"-1.405"(H) x 2.67"-2.75"(W), maximum
panel thickness of 0.09"
CFFPHM4**:
1.88"-1.91"(H) x 2.98"-3.03"(W), maximum
panel thickness of 0.09"
CFFPEBSL4**:
2.38"(H) x 3.44"(W), maximum panel thickness
of 0.05"
CFFPKE3**:
1.60"(H) x 3.36"(W), maximum panel thickness
of 0.04"
Packaging:
Versions with label include label and label cover
key features and benefits
Modular
Accepts all Mini-Com® Modules, which snap in and out for
easy moves, adds, and changes
Bend radius control
Bend radius can be protected or improved by using a sloped
design or the faceplate extender, which will add 0.5" to the
in-wall depth
Identification
Select faceplates include label pockets with labels and
label covers for easy identification of ports; optional adhesive
labels available
Various port densities
Provides design flexibility
Modular Furniture Faceplates
(for standard openings)
4 module space:
CFFP4IW*
4 module space
(with labels):
CFFPL4IW*
4 module space sloped
(with labels):
CFFPLA4IW*
2 module
space sloped:
CFFPA2IW*
3 module space
Knoll Morrison ^^^: CFFPE3BL
Modular Furniture Faceplates
(for custom openings)
4 module space
Herman Miller ^:
CFFPHM4IW*
4 module
space sloped
Herman Miller ^
Ethospace
Beltline with
label and
icon slots:
CFFPEBSL4IW*
3 module space
Knoll Equity^^:
CFFPKE3BL
Label Options for Three
Module Space Faceplates
Laser/inkjet:
C061X030FJJ
PanTher ™ LS8E:
C061X030FJC
Label Options for Two and Four
Module Space Faceplates
(without labels)
Laser/inkjet:
C125X030FJJ
PanTher™ LS8E:
C125X030FJC
Label Options for Four Module
Space Faceplates (with labels)
Laser/inkjet:
C261X035Y1J
PanTher ™ LS8E:
C261X035Y1C
Accessories
Modular furniture
faceplate
extender:
MFFPEIW*
(For use with CFFP4, CFFPL4, and CFFPE3)
Replacement labels and
label covers:
C4PPLK
(For faceplates with labels)
*For other colors, replace suffix IW (Off White)
with EI (Electric Ivory), WH (White), or IG
(International Gray).
^Herman Miller is a trademark of Herman Miller, Inc. Zeeland, MI.
^^Knoll and Equity are registered trademarks of Knoll, Inc.
^^^Morrison is a trademark of Knoll, Inc.


Similar Part No. - CFFPL4IW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CFFPL4IW PANDUIT-CFFPL4IW Datasheet
531Kb / 3P
OUTLETS
2022/2/28
More results

Similar Description - CFFPL4IW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
PANDUIT CORP.
CBX1IW-A PANDUIT-CBX1IW-A Datasheet
1Mb / 1P
Mini-Com짰 Surface Mount Boxes
CFPE1IWY PANDUIT-CFPE1IWY Datasheet
1Mb / 1P
Mini-Com짰 Executive Series Faceplates
CHS2IW-X PANDUIT-CHS2IW-X Datasheet
246Kb / 1P
Mini-Com짰 Inserts
CMNZABL-X PANDUIT-CMNZABL-X Datasheet
119Kb / 2P
Mini-Com짰 One Position Adapters
CMRPRIW PANDUIT-CMRPRIW Datasheet
81Kb / 2P
Mini-Com짰 RCA Pass-Through Modules
CPPL24WBLY PANDUIT-CPPL24WBLY Datasheet
735Kb / 3P
Mini-Com짰 Modular Patch Panels with Faceplates
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com