Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVC4223F Datasheet(PDF) 5 Page - TDK Electronics

Part # HVC4223F
Description  Motor Drivers for Control of BLDC, BDC, or Stepper Motors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC4223F Datasheet(HTML) 5 Page - TDK Electronics

  HVC4223F Datasheet HTML 1Page - TDK Electronics HVC4223F Datasheet HTML 2Page - TDK Electronics HVC4223F Datasheet HTML 3Page - TDK Electronics HVC4223F Datasheet HTML 4Page - TDK Electronics HVC4223F Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DATA SHEET
HVC 4x Family
TDK-Micronas GmbH
July 9, 2021; DSH000216_001EN
5
Motor Drivers for Control of BLDC, BDC, or Stepper Motors
Release Note: Revision bars indicate significant changes compared to the
HVC 4222F-D2 Data Sheet.
1. Introduction
The HVC 4x family contains a group of highly integrated, intelligent embedded BLDC
motor and stepper motor drivers for direct 12V-battery operation with six integrated half-
bridges. All modules to directly drive PMSM, BLDC, or stepper motors are on chip. The
CPU is a 32-bit Arm® Cortex®-M3 with 1.25 DMIPS/MHz including a Nested Vectored
Interrupt Controller (NVIC). The Integrated Circuit (IC) features a debug interface, timers/
counters, capture compare units, a multichannel A/D converter with integrated program-
mable gain amplifier, an advanced LIN-UART with a LIN 2.x compliant physical layer, lin-
ear temperature sensors, Back Electromotive Force Comparators (BEMFC), and PWM-
controlled motor output (MOUT) ports with diagnostic functions for Permanent Magnet
Synchronous Motors (PMSM), Brushless Direct Current (BLDC) motors, brush-type DC
(BDC) motors or bipolar- and 3-phase stepper motor control. The computation capacity
supports complex motor control algorithms such as Space Vector Modulation (SVM) for
PMSMs. The hardware supports voltage controlled or current regulated bipolar stepper
motor control for full-stepping, half-stepping and micro-stepping mode.
The integrated digital and analog features reduce the number of necessary external
components to a minimum. Different operating modes make it possible to minimize the
current consumption according to the system needs.
The HVC 4x family features a flash program memory with a size of 32 KB or 64 KB, pro-
viding high flexibility in code development, production ramp-up, and in-system re-pro-
grammability. The 64 KB version contains an MPU for memory protection. Grade 1 and
grade 1+ versions exist. Grade 1+ indicates an extended operating temperature range for
high-temperature applications up to 160 °C junction.
Table 1–1: Ordering Information
Part Number
Flash
SRAM
Junction Temperature
Special Features
HVC 4223F-D2
32 K
2 K
Grade 1
HVC 4222F-D2
32 K
2 K
Grade 1+
HVC 4420F-B1
64 K
4 K
Grade 1
Memory Protection Unit
HVC 4422F-B1
64 K
4 K
Grade 1+
Memory Protection Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com