Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS1B100 Datasheet(PDF) 4 Page - Emerson Network Power

Part # HS1B100
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HS1B100 Datasheet(HTML) 4 Page - Emerson Network Power

  HS1B100 Datasheet HTML 1Page - Emerson Network Power HS1B100 Datasheet HTML 2Page - Emerson Network Power HS1B100 Datasheet HTML 3Page - Emerson Network Power HS1B100 Datasheet HTML 4Page - Emerson Network Power HS1B100 Datasheet HTML 5Page - Emerson Network Power HS1B100 Datasheet HTML 6Page - Emerson Network Power HS1B100 Datasheet HTML 7Page - Emerson Network Power HS1B100 Datasheet HTML 8Page - Emerson Network Power HS1B100 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dry Type Distribution Transformers
Group A: 480 Volt Δ Primary, 208Y/120 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 3
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT1F3AS
HTP1F3AS
13.00 (330.2)
16.00 (406.4) 9.00 (228.6)
105.0 (47.63)
4
27
3.6
8.3
6
HT1F6AS
HTP1F6AS
13.00 (330.2)
16.00 (406.4) 9.00 (228.6)
150.0 (68.03)
4
27
7.2
16.6
9
HT1F9AS
HTP1F9AS
17.00 (431.8)
20.00 (508.0) 11.00 (279.4) 250.0 (113.40)
4
27
10.8
25.0
15
HT1F15AS
HTP1F15AS
17.00 (431.8)
20.00 (508.0) 11.00 (279.4) 261.0 (118.39)
4
27
18.1
41.7
30
HT1F30AS
HTP1F30AS
30.00 (762.0)
29.00 (736.6) 12.00 (304.8) 696.0 (315.70)
4
27
36.1
83.4
45
HT1F45AS
HTP1F45AS
30.00 (762.0)
29.00 (736.6) 12.00 (304.8) 844.0 (382.83)
4
27
54.2
125.0
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
220
Group C: 480 Volt Δ Primary,240 Volt Δ Secondary with 120 V reduced capacity center tap, 60 Hz 2
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 3
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT5F3AS
HTP5F3AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
105.0 (47.63)
4
28
3.6
7.2
6
HT5F6AS
HTP5F6AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
150.0 (68.03)
4
28
7.2
14.4
9
HT5F9AS
HTP5F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 250.0 (113.40)
4
28
10.8
21.7
15
HT5F15AS
HTP5F15AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 305.0 (138.35)
4
28
18.1
36.1
30
HT5F30AS
HTP5F30AS
30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 698.0 (316.61)
4
28
36.1
72.2
45
HT5F45AS
HTP5F45AS
30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 876.0 (397.35)
4
28
54.2
108.3
Notes:
1. Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section.
2. Refer to Capacity of Center Tap in Center Tap Delta Transformers at the beginning of this section.
3. Contact Technical Services for other enclosure types.
Group D: 240 Volt Δ Primary, 208Y/120 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 3
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT6F3AS
HTP6F3AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
97.0 (44.00)
4
25
7.2
8.3
6
HT6F6AS
HTP6F6AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 150.0 (68.03)
4
25
14.4
16.6
9
HT6F9AS
HTP6F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12)
4
25
21.7
25.0
Selection Tables: Three Phase
Group B: 208 Volt Δ Primary, 208Y/120 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 3
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT3F3AS
HTP3F3AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
97.0 (44.00)
4
26
7.2
8.3
6
HT3F6AS
HTP3F6AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6) 150.0 (68.03)
4
26
14.4
16.6
9
HT3F9AS
HTP3F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12)
4
26
21.7
25.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com