Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HZ2H Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZ2H
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2H Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZ2H Datasheet HTML 1Page - Renesas Technology Corp HZ2H Datasheet HTML 2Page - Renesas Technology Corp HZ2H Datasheet HTML 3Page - Renesas Technology Corp HZ2H Datasheet HTML 4Page - Renesas Technology Corp HZ2H Datasheet HTML 5Page - Renesas Technology Corp HZ2H Datasheet HTML 6Page - Renesas Technology Corp HZ2H Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HZ(H) Series
Rev.1.00, Mar.11.2004, page 5 of 6
Main Characteristic
5
10152025303540
0
0
5
10 15 20 25 30 35 40
%/
°C
mV/
°C
500
400
300
200
100
200
150
100
50
0
0
2.5 mm
3 mm
Printed circuit board
100 180 1.6t mm
Material: paper phenol
×
×
5mm
10
–5
10
–6
10
–4
10
–3
10
–2
10
–7
10
–8
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
50
40
30
20
10
0
−10
−20
−30
−40
−50
0.10
0.08
0.06
0.04
0.02
−0.02
−0.04
−0.06
−0.08
−0.10
0
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
Fig.3 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com