Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFE36N100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFE36N100
Description  HiPerFET-TM Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFE36N100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFE36N100 Datasheet HTML 1Page - IXYS Corporation IXFE36N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS
= 10 V; I
D =
I
T, Note 2
18
28
S
C
iss
15000
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1400
pF
C
rss
340
pF
t
d(on)
81
ns
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = IT
82
ns
t
d(off)
R
G
= 1
Ω (External),
150
ns
t
f
40
ns
Q
g(on)
455
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = IT
120
nC
Q
gd
185
nC
R
thJC
0.22
K/W
R
thCK
0.07
K/W
Source-Drain Diode
(T
J = 25°C, unless otherwise specified)
Characteristic Values
Symbol
Test Conditions
Min.
Typ. Max.
I
S
V
GS = 0
36N100
36
A
34N100
34
A
I
SM
Repetitive;
36N100
144
A
pulse width limited by T
JM
34N100
136
A
V
SD
I
F = IS, VGS = 0 V,
1.3
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
I
F = IS, -di/dt = 100 A/µs, V R = 100 V
T
J = 25°C
180
n s
T
J = 25°C
30
n s
Q
RM
T
J = 25°C
2
µC
I
RM
8
A
IXFE 36N100
IXFE 34N100
ISOPLUS-227 B
Please see IXFN36N100 data
sheet for characteristic curves.
Notes: 1. Pulse width limited by T
JM.
2. Pulse test, t
≤ 300 ms, duty cycle d ≤ 2%.
3. I
T Test current:
IXFE36N100: I
T = 18 A
IXFE34N100: I
T = 17 A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com