Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLPC4430ZPC Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 39Page - Texas Instruments DLPC4430ZPC Datasheet HTML 40Page - Texas Instruments DLPC4430ZPC Datasheet HTML 41Page - Texas Instruments DLPC4430ZPC Datasheet HTML 42Page - Texas Instruments DLPC4430ZPC Datasheet HTML 43Page - Texas Instruments DLPC4430ZPC Datasheet HTML 44Page - Texas Instruments DLPC4430ZPC Datasheet HTML 45Page - Texas Instruments DLPC4430ZPC Datasheet HTML 46Page - Texas Instruments DLPC4430ZPC Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
11 Device and Documentation Support
11.1 Device Support
11.1.1 Video Timing Parameter Definitions
• Active Lines Per Frame (ALPF) - Defines the number of lines in a Frame containing displayable data: ALPF
is a subset of the TLPF.
• Active Pixels Per Line (APPL) - Defines the number of pixel clocks in a line containing displayable data:
APPL is a subset of the TPPL
• Horizontal Back Porch Blanking (HBP) - Number of blank pixel clocks after Horizontal Sync but before the
first active pixel. Note: HBP times are reference to the leading (active) edge of the respective sync signal
• Horizontal Front Porch Blanking (HFP) – Number of blank pixel clocks after the last active pixel but before
Horizontal Sync.
• Horizontal Sync (HS) – Timing reference point that defines the start of each horizontal interval (line). The
absolute reference point is defined by the “active” edge of the HS signal. The “active” edge (either rising or
falling edge as defined by the source) is the reference from which all Horizontal Blanking parameters are
measured.
• Total Lines Per Frame (TLPF) - Defines the Vertical Period (or Frame Time) in lines: TLPF = Total number of
lines per frame (active and inactive).
• Total Pixel Per Line (TPPL) - Defines the Horizontal Line Period in pixel clocks: TPPL = Total number of
pixel clocks per line (active and inactive).
• Vertical Back Porch Blanking (VBP) - Number of blank lines after Vertical Sync but before the first active
line.
• Vertical Front Porch Blanking (VFP) - Number of blank lines after the last active line but before Vertical
Sync.
• Vertical Sync (VS) – Timing reference point that defines the start of the vertical interval (frame). The absolute
reference point is defined by the “active” edge of the VS signal. The “active” edge (either rising or falling edge
as defined by the source) is the reference from which all Vertical Blanking parameters are measured.
Vertical Back Porch (VBP)
Vertical Front Porch (VFP)
Horizontal
Back
Porch
(HBP)
Horizontal
Front
Porch
(HFP)
TLPF
TPPL
APPL
ALPF
Figure 11-1. Timing Parameter Diagram
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com