Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEV-14012 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14012
Description  LilyPad LED Blue (5pcs)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14012 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14012 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad LED Blue (5pcs)
DEV-14012 ROHS
Description: This is a simple pack of five Blue LilyPad LEDs that are still attached to one
another, letting you snap the LEDs apart at your leisure to sew into clothing or whatever
else you can dream up.
LilyPad is a wearable e-textile technology developed by Dr. Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad piece was creatively
designed with large sew tabs to allow them to be sewn into fabric. Various input, output,
power and sensor boards are available. They’re even washable (with special care)!
Note: A portion of this sale is given back to Dr. Buechley for continued development and
education in e-textiles.
Dimensions:
5.5mm x 12.5mm
Thin 0.8mm PCB
SparkFun Electronics ®


Similar Part No. - DEV-14012

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14010 SPARKFUN-DEV-14010 Datasheet
95Kb / 1P
LilyPad LED Pink (5pcs)
12/6/2016
DEV-14011 SPARKFUN-DEV-14011 Datasheet
437Kb / 1P
LilyPad LED Green (5pcs)
11/9/2016
DEV-14013 SPARKFUN-DEV-14013 Datasheet
191Kb / 1P
LilyPad LED Red (5pcs)
12/2/2016
DEV-14014 SPARKFUN-DEV-14014 Datasheet
188Kb / 1P
LilyPad LED Yellow (5pcs)
12/2/2016
More results

Similar Description - DEV-14012

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-13902 SPARKFUN-DEV-13902 Datasheet
203Kb / 1P
LilyPad LED White (5pcs)
12/2/2016
DEV-14010 SPARKFUN-DEV-14010 Datasheet
95Kb / 1P
LilyPad LED Pink (5pcs)
12/6/2016
DEV-14011 SPARKFUN-DEV-14011 Datasheet
437Kb / 1P
LilyPad LED Green (5pcs)
11/9/2016
DEV-14013 SPARKFUN-DEV-14013 Datasheet
191Kb / 1P
LilyPad LED Red (5pcs)
12/2/2016
DEV-14014 SPARKFUN-DEV-14014 Datasheet
188Kb / 1P
LilyPad LED Yellow (5pcs)
12/2/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com