Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIOS-TAC2 Datasheet(PDF) 3 Page - Ultralife Corporation.

Part # RIOS-TAC2
Description  Ultralife?셲 8-Port Tactical Interoperability Unit from SyTech
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

RIOS-TAC2 Datasheet(HTML) 3 Page - Ultralife Corporation.

  RIOS-TAC2 Datasheet HTML 1Page - Ultralife Corporation. RIOS-TAC2 Datasheet HTML 2Page - Ultralife Corporation. RIOS-TAC2 Datasheet HTML 3Page - Ultralife Corporation. RIOS-TAC2 Datasheet HTML 4Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.ultralifecorporation.com | 315-332-7100
RIOS TAC2 I/O Chassis
DC Input: 9 to 36 VDC (includes power supply)
Interface: High-Density, 26 Pin (8 Ports)
SyTech SuperRIB, Signal to USB
Requires SyTech Interface Cables
R-CAB-S for Standard PTT Interface (all models)
R-CAB-RCU for Radio Control (most models)
Standard Cables: 6 - 10 Ft (specify other lengths)
RIOS Gateway Controller
RIOS Durabook D14RM
Daylight Readable Touchscreen
Intel Core Dou CPU at 2.53 GHz
Memory: 1.86 GB RAM
Storage: 150+ GB Hard Drive
RIOS TAC2 Package (R-TAC2V1-PCK)
Weight: 31 lbs. (9.5 kg) with battery
Dimensions: 8.9” H x 21.7” W x 14.1” D (22.6 x 55.1 x 35.8 cm)
Contents
RIOS TAC2 I/O Chassis
RIOS Gateway Controller
RIOS Server & Client Software with User ID
Configured WiFi/EVDO Capable 4-Port Router
Lithium-Ion Battery with Ruggedized Connections
Charge Control Module with Power Supply & Line Cord
Gateway Controller Lind with Ruggedized Connections
RIOS AC Power Supply & Line Cord
RIOS Gateway Controller AC Power Supply & Line Cord
Pelican iM 2500 Case with Lid Organizer
Compacting Bracketry for Gateway Controller
Specifications
Smartphone
Access
with RI
OS Lit
e via
onboard
WiFi or
USB Da
ta Connection
R-SFT-RL-PCK
Multiple
User Login
with RIOS
Client
Worksta
tions or
RIOS Client
Licensing
R-CON-R
UGID-PCK
or R-SFT
-CLNT-CP
Controlla
ble IP Video
with the
RIOS
Outdoor
Video
Camera
Package
R-CAM-OD-PCK
Standard
Radio
Interoper
ability
or Rem
ote Ra
dio Co
ntrol w
ith Inte
ropera
bility
via SyT
ech Standard
or RCU
Cables
R-CAB-S
or R-CAB-R
CU
Interoperability Gateway
Options Available
Radio Remote Control
Audio Recording
IP Camera/Video Server
Smartphone/RIOS Lite
Multiple Workstations
GPS (Coming Soon)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com