Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC9259D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC9259D
Description  900 MHz LOW VOLTAGE LVDS CLOCK SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9259D Datasheet(HTML) 5 Page - Motorola, Inc

  MPC9259D Datasheet HTML 1Page - Motorola, Inc MPC9259D Datasheet HTML 2Page - Motorola, Inc MPC9259D Datasheet HTML 3Page - Motorola, Inc MPC9259D Datasheet HTML 4Page - Motorola, Inc MPC9259D Datasheet HTML 5Page - Motorola, Inc MPC9259D Datasheet HTML 6Page - Motorola, Inc MPC9259D Datasheet HTML 7Page - Motorola, Inc MPC9259D Datasheet HTML 8Page - Motorola, Inc MPC9259D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC9259
TIMING SOLUTIONS
5
MOTOROLA
Table 6. DC Characteristics (VCC = 3.3V ± 5%, TA = 0°C to + 70°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS control inputs (FREF_EXT, PWR_DOWN, XTAL_SEL, P_LOAD, S_LOAD, S_DATA, S_CLOCK, M[0:6], N[0:1], OE)
VIH
Input high voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
0.8
V
LVCMOS
IIN
Input Currentb
±200
µA
VIN = VCC or GND
Differential clock output FOUT
VPP
Output Differential Voltage (peak–to–peak)
250
mV
LVDS
VOS
Output Offset Voltage
1125
1275
mV
LVDS
Test and diagnosis output TEST
VOH
Output High Voltage
2.0
V
IOH =-0.8 mA
VOL
Output Low Voltage
0.55
V
IOL = 0.8 mA
Supply current
ICC_PLL
Maximum PLL Supply Current
20
mA
VCC_PLL Pins
ICC
Maximum Supply Current
110
mA
All VCC Pins
a.
All AC characteristics are design targets and subject to change upon device characterization.
b.
Inputs have pull-down resistors affecting the input current.
Table 7. AC Characteristics (VCC = 3.3V ± 5%, TA = 0°C to + 70°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fXTAL
Crystal interface frequency range
10
20
MHz
fVCO
VCO frequency rangeb
800
1800
MHz
fMAX
Output Frequency
N = 11 (
÷1)
N = 00 (
÷2)
N = 01 (
÷4)
N = 10 (
÷8)
400
200
100
50
900
450
225
112.5
MHz
MHz
MHz
MHz
PWR_DOWN = 0
fS_CLOCK Serial interface programming clock frequencyc
0
10
MHz
tP,MIN
Minimum pulse width
(S_LOAD, P_LOAD)
50
ns
DC
Output duty cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.05
TBD
ns
20% to 80%
tS
Setup Time
S_DATA to S_CLOCK
S_CLOCK to S_LOAD
M, N to P_LOAD
20
20
20
ns
ns
ns
tS
Hold Time
S_DATA to S_CLOCK
M, N to P_LOAD
20
20
ns
ns
tJIT(CC)
Cycle-to-cycle jitter
RMS (1
σ)d
TBD
TBD
ps
tJIT(PER)
Period Jitter
RMS (1
σ)
±25
ps
tLOCK
Maximum PLL Lock Time
10
ms
a.
All AC characteristics are design targets and subject to change upon device characterization.
b.
The input frequency fXTAL and the PLL feedback divider M must match the VCO frequency range: fVCO = fXTAL ⋅ 2 ⋅ M.
c.
The frequency of S_CLOCK is limited to 10 MHz in serial programming mode. S_CLOCK can be switched at higher frequencies when used
as test clock in test mode 6. See application section for more details.
d.
See application section for a jitter calculation for other confidence factors than 1
σ.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com