Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEEL22CV10API-10 Datasheet(PDF) 8 Page - Anachip Corp

Part # PEEL22CV10API-10
Description  PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10API-10 Datasheet(HTML) 8 Page - Anachip Corp

Back Button PEEL22CV10API-10 Datasheet HTML 2Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 3Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 4Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 5Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 6Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 7Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 8Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 9Page - Anachip Corp PEEL22CV10API-10 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
04-02-010F
Table 9. A.C. Electrical Characteristics
Symbol
Parameter
-7 / I-7
-10 / I-10
-15 / I-15
-25 / I-25
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tPD
Input5 to non-registered output
7.5
10
15
25
ns
tOE
Input5 to output enable6
7.5
10
15
25
ns
tOD
Input5 to output disable6
7.5
10
15
25
ns
tCO1
Clock to Output
5.5
6
8
15
ns
tCO2
Clock to comb. output delay via
internal registered feedback
10
12
17
35
ns
tCF
Clock to Feedback
3.5
4
5
9
ns
tSC
Input5 or Feedback Setup to Clock
35
8
15
ns
tHC
Input5 Hold After Clock
00
00
ns
tCL, tCH
Clock Low Time, Click High Time8
34
6
13
ns
tCP
Min Clock Period Ext (tSC + tCO1)
8.5
11
18
30
ns
fMAX1
Internal Feedback (1tSC + tCF)12
142
111
76.9
41.6
MHz
fMAX2
External Feedback (1/tCP)12
117
90.9
62.5
33.3
MHz
fMAX3
No Feedback (1/tCL + tCH)12
166
125
83.3
38.4
MHz
tAW
Asynchronous Reset Pulse Width
7.5
10
15
25
ns
tAP
Input5 to Asynchronous Reset
7.5
10
15
25
ns
tAR
Asynch. Reset recovery time
7.5
10
15
25
ns
tRESET
Power-on Reset Time for
registers in Clear State
5
555
µs
Inputs, I/O,
Registered Feedback,
Synchronous Preset
Clock
Asynchronous
Reset
Registered
Outputs
Combinatorial
Outputs
Notes
1. Minimum DC input is -0.5V, however inputs may undershoot to -2.0V for
periods less than 20ns.
2. VI and VO are not specified for program/verify operation.
3. Test points for Clock and VCC in tR, tF are referenced at 10% and 90%
levels.
4. I/O pins are 0V and 3V.
5. “Input” refers to an Input pin signal.
6. tOE is measured from input transition to VREF ± 0.1V, tOD is measured
from input transition to VOH -0.1V or VOL +0.1V; VREF =VL see test loads
in Section 5 of the Data Book.
7. Capacitances are tested on a sample basis.
8. Test conditions assume: signal transition times of 3ns or less from the
10% and 90% points, timing reference levels of 1.5V (unless otherwise
specified).
9. Test one output at a time for a duration of less than 1sec.
10. ICC for a typical application: This parameter is tested with the device
programmed as an 8-bit Counter.
11. PEEL™ Device test loads are specified in Section 6 of this Data Book.
12. Parameters are not 100% tested. Specifications are based on initial
characterization and are tested after any design or process modifica-
tion which may affect operational frequency.
13. Available only for 22CV10A -15/I-15/-25/I-25 grades.
Switching Waveforms
Over the Operating Range8,11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com