Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS2113T-1-V/G4 Datasheet(PDF) 45 Page - Microchip Technology

Part # UCS2113T-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-1-V/G4 Datasheet(HTML) 45 Page - Microchip Technology

Back Button UCS2113T-1-V/G4 Datasheet HTML 41Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 42Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 43Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 44Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 45Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 46Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 47Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 48Page - Microchip Technology UCS2113T-1-V/G4 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 45
UCS2113
8.5
Auto-Recovery Register
The contents of this register are retained in Sleep.
The Auto-Recovery Configuration register sets the
parameters used when the Auto-Recovery fault
handling algorithm is invoked. Once the Auto-Recovery
fault
handling
algorithm
has
checked
the
overtemperature and back-drive conditions, it will set
the ILIM value to ITEST and then turn on the port power
switch and start the tTST timer. If, after the timer has
expired, the VBUS voltage is less than VTEST, then it is
assumed that a short-circuit condition is present and
the Error state is restarted for Auto Recovery.
REGISTER 8-11:
AUTO RECOVERY CONFIGURATION REGISTER (ADDRESS 15H)
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
LATCHS
TCYCLE<2:0>
TTST<1:0>
VTST_SW<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
LATCHS: Latch Set - Controls the fault-handling routine that is used in the case that an error is detected.
1 = Error state will be latched. In order for the UCS2113 to return to normal Active state, the ERR bit
must be cleared by the user.
0 = The UCS2113 will automatically retry when an error condition is detected.
bit 6-4
TCYCLE<2:0>: Defines the delay (tCYCLE) after the Error state is entered before the Auto-Recovery
fault handling algorithm is started as shown below.
000 = 15 ms
001 = 20 ms
010 = 25 ms
011 = 30 ms
100 = 35 ms
101 = 40 ms
110 = 45 ms
111 = 50 ms
bit 3-2
TTST<1:0>: Retry Duration timer - Sets the tTST as shown below
00 = 10 ms
01 = 15 ms
10 = 20 ms
11 = 25 ms
bit 1-0
VTST_SW: Short-circuit voltage threshold VTEST that must be crossed during retries to declare the short
removed
00 = 250 mV
01 = 500 mV
10 = 750 mV
11 = 1000 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com