Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCC0L21 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0L21
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0L21 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0L21 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0L21 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC S518-0000-1Y-133-PS0825-050
Order Code: BCC0L21
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 270854
ETIM 6.0: EC001855
BCC0L21_0.48_2021-12-17
1 / 2
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PUR Shielded black, 5 m, drag
chain compatible
Cable diameter D
6.00 mm ±0.15 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
0.25 mm²
Connection
M16x0.75-Female, Straight, 8-pin
Connector configuration
Straight
Number of conductors
8
Number of pins
8
System
assembled
Electrical data
Conductor construction
4x2 twisted-pair
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
5.0 A
Environmental conditions
Ambient temperature
-25...80 °C
Cable temperature, drag chain
-25...60 °C
Cable temperature, fixed routing
-50...80 °C
Cable temperature, flexible routing
-25...80 °C
IP rating
IP67, IP69K
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Material contact carrier
PA
Material contacts
Brass
Material cover nut
Stainless steel
Material grip
PUR
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
black
Cable length L
5.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
2 m


Similar Part No. - BCC0L21

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0L20 BALLUFF-BCC0L20 Datasheet
115Kb / 2P
Single-Ended Cordsets
0.5_2021-12-17
BCC0L22 BALLUFF-BCC0L22 Datasheet
115Kb / 2P
Single-Ended Cordsets
0.5_2022-01-18
BCC0L23 BALLUFF-BCC0L23 Datasheet
115Kb / 2P
Single-Ended Cordsets
0.44_2021-12-17
BCC0L24 BALLUFF-BCC0L24 Datasheet
115Kb / 2P
Single-Ended Cordsets
0.46_2022-01-18
BCC0L25 BALLUFF-BCC0L25 Datasheet
115Kb / 2P
Single-Ended Cordsets
0.44_2021-12-17
More results

Similar Description - BCC0L21

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com