Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMAJ Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # SMAJ
Description  400W Transient Voltage Suppression Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SMAJ Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  SMAJ Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SMAJ Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SMAJ Series
400W Transient Voltage Suppression Diodes
Document Number:F117501
14-Jul-2021 V 2.1
www.futurewafer.com.tw
5/12
3-3. I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation-Max power dissipation
VR
Stand-off Voltage-Maximum voltage that can be applied to the TVS without operation
IR
Reverse Leakage Current-Current measured at VR
VF
Forward Voltage Drop for Uni-directional
VBR
Breakdown Voltage-Maximum voltage that flows though the TVS at a specified test current(IT)
VC
Clamping Voltage-Peak voltage measured across the suppressor at a specified Ippm
(peak impulse current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com