Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF2030-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Part # REF2030-Q1
Description  REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2030-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF2030-Q1 Datasheet HTML 18Page - Texas Instruments REF2030-Q1 Datasheet HTML 19Page - Texas Instruments REF2030-Q1 Datasheet HTML 20Page - Texas Instruments REF2030-Q1 Datasheet HTML 21Page - Texas Instruments REF2030-Q1 Datasheet HTML 22Page - Texas Instruments REF2030-Q1 Datasheet HTML 23Page - Texas Instruments REF2030-Q1 Datasheet HTML 24Page - Texas Instruments REF2030-Q1 Datasheet HTML 25Page - Texas Instruments REF2030-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
10.2.1.2.1 Shunt Resistor
As illustrated in Figure 10-2, the value of VSHUNT is the ground potential for the system load. If the value of
VSHUNT is too large, issues may arise when interfacing with systems whose ground potential is actually 0 V. Also,
a value of VSHUNT that is too negative may violate the input common-mode voltage of the differential amplifier
in addition to potential interfacing issues. Therefore, limiting the voltage across the shunt resistor is important.
Equation 6 can be used to calculate the maximum value of RSHUNT.
(max)
LOAD
(max)
SHUNT
(max)
SHUNT
I
V
R
(6)
Given that the maximum shunt voltage is ±25 mV and the load current range is ±2.5 A, the maximum shunt
resistance is calculated as shown in Equation 7.
:
m
10
A
5
.
2
mV
25
I
V
R
(max)
LOAD
(max)
SHUNT
(max)
SHUNT
(7)
To minimize errors over temperature, select a low-drift shunt resistor. To minimize offset error, select a shunt
resistor with the lowest tolerance. For this design, the Y14870R01000B9W resistor is used.
10.2.1.2.2 Differential Amplifier
The differential amplifier used for this design must have the following features:
1. Single-supply (3 V)
2. Reference voltage input
3. Low initial input offset voltage (VOS)
4. Low-drift
5. Fixed gain
6. Low-side sensing (input common-mode range below ground)
For this design, a current-shunt monitor (INA240-Q1) is used. The INA240-Q1 family topology is shown in
Figure 10-3. The INA240-Q1 specifications can be found in the INA240-Q1 product data sheet.
+
OUT
GND
REF1
VS
REF2
IN+
IN-
Figure 10-3. INA240-Q1 Current-Shunt Monitor Topology
The INA240-Q1 is an excellent choice for this application because all the required features are included. In
general, instrumentation amplifiers (INAs) do not have the input common-mode swing to ground that is essential
for this application. In addition, INAs require external resistors to set their gain, which is not desirable for low-drift
applications. Difference amplifiers typically have larger input bias currents, which reduce solution accuracy at
small load currents. Difference amplifiers typically have a gain of 1 V/V. When the gain is adjustable, these
amplifiers use external resistors that are not conducive to low-drift applications.
REF20-Q1
SBOSA80 – DECEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF20-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com